Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT2S-C Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # PLT2S-C
Description  Pan-Ty NATURAL NYLON 6.6 CABLE TIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT2S-C Datasheet(HTML) 3 Page - PANDUIT CORP.

  PLT2S-C Datasheet HTML 1Page - PANDUIT CORP. PLT2S-C Datasheet HTML 2Page - PANDUIT CORP. PLT2S-C Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PLT5S-C0
445
4.8
127
222
100
Light Heavy
PLT6LH-C0
556
7.6
152
534
100
PLT7LH-C0
627
7.6
178
534
100
PLT8LH-C0
701
7.6
203
534
100
PLT9LH-C0
775
7.6
229
534
100
Heavy
PLT2H-L0
206
7.6
51
534
50
PLT2.5H-L0
251
7.6
64
534
50
PLT3H-L0
290
7.6
76
534
50
PLT4H-L0
368
7.6
102
534
50
PLT5H-L0
450
8.9
127
778
50
PLT6H-L0
530
8.9
152
778
50
PLT8H-L0
779
8.9
229
778
50
PLT13H-Q0
1100
8.9
330
778
25
Thousand Packs
PLT1M-M0
99
2.5
22
80
1,000
PLT1.5I-M0
142
3.6
35
178
1,000
PLT2S-M0
188
4.8
48
222
1,000
PLT4S-M0
368
4.8
102
222
1,000
• Weather Resistant Cable Ties, material resists ultraviolet light
• One piece construction with multiple locking tooth design for consistent performance, greater strength and reliability
• High loop tensile strength exceeds industry standards
• UL Listed
• Lowest threading force of any one piece cable tie in the industry
• Bundle diameters up to 13" (330mm) or join together for larger diameters
• Miniature to standard cross sections feature a curved tip for easy threading and handling
• Finger tip grip assure positive grip & prevents tip from slipping out of head during threading



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com