Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTS Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # GTS
Description  Cable Tie Installation Tools – Ergonomic Series, Hand Tools
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GTS Datasheet(HTML) 1 Page - PANDUIT CORP.

  GTS Datasheet HTML 1Page - PANDUIT CORP. GTS Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features and Benefits
■ Lightweight, ergonomic design speeds installation and reduces operator fatigue and repetitive
motion injuries
■ Flush tie cut-off eliminates sharp edges and improves safety by preventing damage to adjacent
wire bundles and injury to workers’ hands and arms
www.panduit.com
PANDUIT leads the industry in providing the most preferred
cable tie installation tools for their complete line of
PANDUIT
cable ties. Choosing the right installation tool increases productivity
and promotes worker safety for the lowest installed cost. The GTS and
GTH tools are part of the
PANDUIT ergonomic series of hand-operated,
tool-controlled tension, and cut-off cable tie installation tools.
■ GTS Tool installs subminiature (8 lbs.) through standard (50 lbs.)
cross section cable ties
■ GTH Tool installs standard (50 lbs.) through heavy (175 lbs.)
cross section cable ties
The ergonomic series of tools is excellent for low to medium volume applications (under 50,000 ties/year)
in the OEM, MRO, and Construction Markets.
Cable Tie Installation Tools –
Ergonomic Series, Hand Tools
Beveled tie entry
Allows quick side entry of tie
into tool to speed installation
Soft handle ends
Cushion hand during operation
Long narrow nose
Improves operator visibility
and access to confined areas
Two tension adjustment knobs
(fine and coarse)
Quick and easy to set, confirm,
and maintain desired tension
Impact resistant resin housing
Lightweight and sturdy
Tension setting label
Provides easy-to-read instructions
right on tool
NEW! Cushion sleeve
Improves comfort and grip,
and reduces shock impact
Retractable hanger hook
Allows tool to be “hung-up”
for easy storage
Full length ergonomic handle
Provides greater operator control
GTS
GTH


Similar Part No. - GTS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GTS-E PANDUIT-GTS-E Datasheet
357Kb / 1P
Customer/Military Drawing
1-26-15
GTS-E PANDUIT-GTS-E Datasheet
576Kb / 2P
High Temperature Polyetheretherketone (PEEK) Pan-Ty ® Cable Ties and Mounts
3/2016
GTS-E PANDUIT-GTS-E Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
logo
Amphenol Corporation
GTS01A-28-21PX AMPHENOL-GTS01A-28-21PX Datasheet
1Mb / 29P
Circular MIL Spec Connector 3P SIZE 28 SCKT PLUG STRAIGHT MIL-C-5015
GTS02R32-17S AMPHENOL-GTS02R32-17S Datasheet
1Mb / 29P
Circular MIL Spec Connector 3P SIZE 28 SCKT PLUG STRAIGHT MIL-C-5015
More results

Similar Description - GTS

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
061001016 KSS-061001016 Datasheet
627Kb / 5P
HAND CRIMPING TOOLS
061001017 KSS-061001017 Datasheet
627Kb / 5P
HAND CRIMPING TOOLS
logo
Tyco Electronics
50729 MACOM-50729 Datasheet
490Kb / 10P
Hand Crimping Tools
logo
List of Unclassifed Man...
2ASA ETC2-2ASA Datasheet
2Mb / 60P
Cooper Hand Tools
2940231-01 ETC1-2940231-01 Datasheet
4Mb / 6P
Installation Hand Tools
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
CERTI-CRIMP Hand Tools
408-1502 TEC-408-1502 Datasheet
203Kb / 6P
Hand Crimping Tools
logo
PHOENIX CONTACT
CUTFOX-SE-LM PHOENIX-CUTFOX-SE-LM Datasheet
43Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PC-VDE-DB PHOENIX-UNIFOX-PC-VDE-DB Datasheet
53Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-P-VDE-DB PHOENIX-UNIFOX-P-VDE-DB Datasheet
52Kb / 2P
The tools feature ergonomic two-component safety handles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com