Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H000X064H1C. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # H000X064H1C.
Description  P1™ Military Grade Continuous Heat Shrink Label Cassettes for PanTher™ LS8E or Cougar™ LS9 Hand-Held Thermal Transfer Printers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H000X064H1C. Datasheet(HTML) 1 Page - PANDUIT CORP.

  H000X064H1C. Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
E1.8
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Order number of cassettes required.
P1™ Military Grade Continuous Heat Shrink Label Cassettes for PanTher™ LS8E or
Cougar™ LS9 Hand-Held Thermal Transfer Printers
•P1™ Label Cassette contains an integrated memory device for
automatic formatting, recall of last legend used, and number of
labels remaining in the cassette
• Fast loading label cassette includes both label material and ribbon
to make changing labels easy
• Meets print performance requirements of MIL-M-81531 and
MIL-STD-202F Method 215A, Solution A, C, and D
• Meets UL Standard 224 for flammability
• Shrink ratio 3:1
• Each cassette contains a continuous roll of non-adhesive flattened
polyolefin that can be cut-to-length
Part Number System for Wire/Cable Labeling
H = Heat Shrink
Wire/Cable Label
Print Method
C = P1™ Cassette
H* = Heat
Shrinkable
Polyolefin
H000X025H1
Width
(Ft.)
Label Type
“X”
Length
(In.)
Material
Material/Print Method Selection Chart
C
Material
Print Method
Temperature Range
Features
Heat Shrinkable
Polyolefin, White (H*)
P1 ™ Cassette
-67°F to 275°F
(-55°C to 135°C)
Durable flattened polyolefin, high quality heat shrink
wire/cable labels.
Part
Number
Part Description
Width
Length
Min. Cable
Diameter
Max. Cable
Diameter
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
In.
mm
In.
mm
H000X025H1C White, 1/8" diameter heat shrinkable polyolefin,
22 – 16 AWG.
0.25
6.4
8.0
2.4
0.04
1.0
0.13
3.3
1
10
H000X025H2C Yellow, 1/8" diameter heat shrinkable polyolefin,
22 – 16 AWG.
0.25
6.4
8.0
2.4
0.04
1.0
0.13
3.3
1
10
H000X034H1C White, 3/16" diameter heat shrinkable polyolefin,
18 – 12 AWG.
0.34
8.6
8.0
2.4
0.06
1.5
0.19
4.8
1
10
H000X034H2C Yellow, 3/16" diameter heat shrinkable polyolefin,
18 – 12 AWG.
0.34
8.6
8.0
2.4
0.06
1.5
0.19
4.8
1
10
H000X044H1C White, 1/4" diameter heat shrinkable polyolefin,
16 – 10 AWG.
0.44
11.2
6.0
1.8
0.08
2.0
0.25
6.4
1
10
H000X044H2C Yellow, 1/4" diameter heat shrinkable polyolefin,
16 – 10 AWG.
0.44
11.2
6.0
1.8
0.08
2.0
0.25
6.4
1
10
H000X064H1C White, 3/8" diameter heat shrinkable polyolefin,
12 – 6 AWG.
0.64
16.3
6.0
1.8
0.13
3.3
0.38
9.7
1
10
H000X064H2C Yellow, 3/8" diameter heat shrinkable polyolefin,
12 – 6 AWG.
0.64
16.3
6.0
1.8
0.13
3.3
0.38
9.7
1
10
H000X084H1C White, 1/2" diameter heat shrinkable polyolefin,
8 – 1 AWG.
0.84
21.3
6.0
1.8
0.17
4.3
0.50
12.7
1
10
H000X084H2C Yellow, 1/2" diameter heat shrinkable polyolefin,
8 – 1 AWG.
0.84
21.3
6.0
1.8
0.17
4.3
0.50
12.7
1
10


Similar Part No. - H000X064H1C.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
H000X064HPM PANDUIT-H000X064HPM Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
H000X064HPM PANDUIT-H000X064HPM Datasheet
1Mb / 8P
PXE™ SERIES Mobile Printer
H000X064HXM PANDUIT-H000X064HXM Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
H000X064HXM PANDUIT-H000X064HXM Datasheet
1Mb / 8P
PXE™ SERIES Mobile Printer
More results

Similar Description - H000X064H1C.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
UILS8BW PANDUIT-UILS8BW Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
logo
Rohm
KD2004-CAGW00A ROHM-KD2004-CAGW00A Datasheet
73Kb / 2P
For Receipt , Label Printers series
KD2004-CG11A ROHM-KD2004-CG11A Datasheet
119Kb / 2P
For Receipt , Label Printers series
KD2008-CF16A ROHM-KD2008-CF16A Datasheet
114Kb / 2P
For Receipt , Label Printers series
logo
PANDUIT CORP.
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
429Kb / 1P
LS8E-KIT PanTher LS8E Hand-Held Thermal Transfer Printer and Accessories
logo
Molex Electronics Ltd.
ATS-638116500 MOLEX-ATS-638116500 Datasheet
303Kb / 6P
Hand Crimp Tool for SPOX™ Terminals
03-29-08
ATS-640160201 MOLEX-ATS-640160201 Datasheet
265Kb / 6P
Hand Crimp Tool for C-Grid SL™, SPOX™, Micro Fit ™, and 0.100” KK™ Terminals
06-16-08
logo
List of Unclassifed Man...
RTAZS ETC2-RTAZS Datasheet
793Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/2/2022
RTAZS ETC-RTAZS_V01 Datasheet
792Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/24/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com