Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC2LG6 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # HC2LG6
Description  Type H — Hinged Cover Wiring Duct
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HC2LG6 Datasheet(HTML) 1 Page - PANDUIT CORP.

  HC2LG6 Datasheet HTML 1Page - PANDUIT CORP. HC2LG6 Datasheet HTML 2Page - PANDUIT CORP. HC2LG6 Datasheet HTML 3Page - PANDUIT CORP. HC2LG6 Datasheet HTML 4Page - PANDUIT CORP. HC2LG6 Datasheet HTML 5Page - PANDUIT CORP. HC2LG6 Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B12
Wiring Duct
Control Panel
Overview
Control
Panel
Special
Environment
Voice &
Data
Tools &
Accessories
Technical
Info
Index
Reference
Page(s)
Order number of feet required, in multiples of 6' or Standard Carton Quantity. Base and cover sold separately.
PANDUCT ® Type H — Hinged Cover Wiring Duct
• Made of rigid PVC
• UL Recognized continuous use temperature: 50°C (122°F)
• UL94 Flammability Rating of V-0
• Provided with mounting holes
W
H
Available in BL (Black), LG (Light Gray) and WH (White).
Color Availability
F14
Adhesive Tape
E12
Dimensions
F7
Wirefill Guide
F9
Material
Specifications
F13
Tools & Accessories D11, D12,
Section E
Installation Tips
F15
Part Number
Duct Size WxH
Cover
Part
Number
Duct
Std. Ctn.
Qty.
Cover
Std. Ctn.
Qty.
Length
(ft)
In.
mm
H1.5X2LG6
1.75 x 1.98
44.5 x 50.3
HC1.5LG6
120
120
6
H1.5X3LG6
1.75 x 3.06
44.5 x 77.7
HC1.5LG6
120
120
6
H2X2LG6
2.17 x 1.98
55.1 x 50.3
HC2LG6
120
120
6
H2X3LG6
2.17 x 3.06
55.1 x 77.7
HC2LG6
60
120
6
H2X4LG6
2.17 X 4.10
55.1 X 104.1 HC2LG6
60
120
6
H3X3LG6
3.25 x 3.06
82.6 x 77.7
HC3LG6
60
120
6
H3X4LG6
3.25 x 4.10
82.6 x 104.1
HC3LG6
60
120
6
H4X4LG6
4.25 x 4.10
108.0 x 104.1 HC4LG6
60
60
6


Similar Part No. - HC2LG6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC2LP ETC-HC2LP Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Eaton All Rights Reserv...
HC2LP EATON-HC2LP Datasheet
340Kb / 4P
Low profile, high current power inductors
logo
List of Unclassifed Man...
HC2LP-1R0 ETC-HC2LP-1R0 Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
HC2LP-1R0-R COOPER-HC2LP-1R0-R Datasheet
187Kb / 2P
Compact footprint for high density, high current/low voltage applications
HC2LP-1R0-R COOPER-HC2LP-1R0-R Datasheet
187Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
More results

Similar Description - HC2LG6

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SRWD-0820 RICHCO-SRWD-0820 Datasheet
79Kb / 1P
SLOTTED RICHCO WIRING DUCT
logo
List of Unclassifed Man...
A8N86 ETC2-A8N86 Datasheet
641Kb / 2P
Hinged-Cover Type 1 Boxes, Enclosures and Acc essories
logo
PANDUIT CORP.
NC1WH6 PANDUIT-NC1WH6 Datasheet
82Kb / 2P
Bench Mount Wiring Duct Cutting Tool
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
F1X2LG6 PANDUIT-F1X2LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
SD2EMI PANDUIT-SD2EMI Datasheet
444Kb / 1P
Panduct® PanelMax™ Shielded Wiring Duct
2011
logo
Hammond Manufacturing L...
PJHMI HAMMOND-PJHMI Datasheet
146Kb / 2P
Polycarbonate HMI Hinged Cover Kits
5/1/22
logo
FIBOX Enclosing innovat...
4810001 FIBOX-4810001 Datasheet
237Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4811000 FIBOX-4811000 Datasheet
235Kb / 2P
Hinged polycarbonate enclosure with transparent cover
01.08.2023
4812000 FIBOX-4812000 Datasheet
234Kb / 2P
Hinged ABS enclosure with grey cover
01.08.2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com