Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFP2IW Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # CFP2IW
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFP2IW Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button CFP2IW Datasheet HTML 3Page - PANDUIT CORP. CFP2IW Datasheet HTML 4Page - PANDUIT CORP. CFP2IW Datasheet HTML 5Page - PANDUIT CORP. CFP2IW Datasheet HTML 6Page - PANDUIT CORP. CFP2IW Datasheet HTML 7Page - PANDUIT CORP. CFP2IW Datasheet HTML 8Page - PANDUIT CORP. CFP2IW Datasheet HTML 9Page - PANDUIT CORP. CFP2IW Datasheet HTML 10Page - PANDUIT CORP. CFP2IW Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TM
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
7
Network Infrastructure for the Enterprise
Fiber Connectors
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
OptiCam™ Pre-Polished Connectors*
FLCDMCXAQY
LC 50/125μm OM3/OM4 multimode duplex connector, Aqua boot.
1
10
FLCSMCXAQY
LC 50/125μm OM3/OM4 multimode simplex connector, Aqua boot.
1
10
FLCSSCBUY
LC 9/125μm singlemode simplex fiber optic connector for 900μm.
1
10
FLCDSCBUY
LC 9/125μm singlemode duplex fiber optic connector for 900μm.
1
10
FSCMCXAQ
SC 50/125μm OM3/OM4 multimode simplex connector, Aqua boot.
1
10
FSCDMCXAQ
SC 50/125μm OM3/OM4 multimode duplex connector, Aqua boot.
1
10
FSCSCBU
SC 9/125μm singlemode simplex connector, Blue boot.
1
10
FLCSMCXAQY
FSCSCBU
Fiber Patch Cords and Pigtails
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
FX23RSNSNSNM***
2-fiber OM3 SC duplex to SC duplex patch cord, OFNR (riser)
rated, 3mm jacketed cable, Std. IL.
1
10
F923RSNSNSNM***
2-fiber OS2 SC duplex to SC duplex patch cord, OFNR (riser)
rated, 3mm jacketed cable, Std. IL.
1
10
FZ2ERLNLNSNM***
2-fiber OM4 LC duplex to LC duplex patch cord, OFNR (riser)
rated, 1.6mm jacketed cable, Std. IL.
1
10
FX2ERLNLNSNM***
2-fiber OM3 LC duplex to LC duplex patch cord, OFNR (riser)
rated, 1.6mm jacketed cable, Std. IL.
1
10
F92ERLNLNSNM***
2-fiber OS2 LC duplex to LC duplex patch cord, OFNR (riser)
rated, 1.6mm jacketed cable, Std. IL.
1
10
FX1BN3NNNSNM***
1-fiber OM3 SC to pigtail patch cord, 900μm buffered fiber,
no jacket.
1
10
F91BN3NNNSNM***
1-fiber OS2 SC to pigtail patch cord, 900μm buffered fiber,
no jacket.
1
10
FX1BN1NNNSNM***
1-fiber OM3 LC to pigtail patch cord, 900μm buffered fiber,
no jacket.
1
10
F91BN1NNNSNM***
1-fiber OS2 LC to pigtail patch cord, 900μm buffered fiber,
no jacket.
1
10
*** = length in meters. 001 = 1 meter, 002 = 2 meters, 003 = 3 meters etc.
Contact Panduit Customer Service for other lengths.
Low Smoke Zero Halogen flame rating available upon request.
FX23RSNSNSNM***
FX1BN1NNNSNM001
FX2ERLNLNSNM***
FX1BN3NNNSNM001
< Previous Page Table of Contents Next Page >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com