Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SERC816 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SERC816
Description  SERCOS INTERFACE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERC816 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SERC816 Datasheet HTML 13Page - STMicroelectronics SERC816 Datasheet HTML 14Page - STMicroelectronics SERC816 Datasheet HTML 15Page - STMicroelectronics SERC816 Datasheet HTML 16Page - STMicroelectronics SERC816 Datasheet HTML 17Page - STMicroelectronics SERC816 Datasheet HTML 18Page - STMicroelectronics SERC816 Datasheet HTML 19Page - STMicroelectronics SERC816 Datasheet HTML 20Page - STMicroelectronics SERC816 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
SERCON816
4.2.2 Data Containers
A data container comprises one or two 16-bit control words as well as a variable number of data words. If
the data is stored in the internal RAM (DMA = 0) and a single buffer is used (DBUF = 0), the data container
has one buffer. Using RAM storage and double buffering (DBUF = 1), two data buffers are needed. In case
of DMA transfer (DMA = 1) the data container only comprises the control words (Fig. 12). The structure of
the two control words depends on whether a telegram is transmitted or received:
Figure 12. Structure of Data Containers
Index
Bit
Name
Function
0
0-9
LEN
Number of 16-bit data words of the data block.
10
SVFL
Flag, whether data block uses service container (SVFL = 1).
11-13
NSV
Number of service container, which is used (0 - 7).
14
SCMASTER
Processing of service container in slave mode (SCMASTER = 0) or master mode
(SCMASTER = 1).
15
LASTDC
Last data container of the telegram (1) or further data containers follow (0).
1
0-15
POS
Position of the data block within the telegram in number of words. The first data
record of a telegram has POS = 0 (only in case of receive telegrams).
c ontrol word 0
c ontrol word 0
c ontrol word 1
control word 0
control word 0
control word 1
c ontrol word 0
c ontrol word 0
c ontrol word 1
buffer
buffer
buffer 0
buffer 0
buffer 1
buffer 1
0
0
1
0
0
1
0
0
1
1
2
1
2
1
2
LEN + 1
LEN + 2
LEN + 1
LEN + 2
2* LEN + 1
2* LEN + 2
DMA = 0, DBUF = 0
DMA = 0, DBUF = 0
DMA = 0, DBUF = 1
DMA = 0, DBUF = 1
DMA = 1
DMA = 1
transm it
telegra ms
rec eive
telegra ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com