Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G08DP Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC2G08DP
Description  Dual 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G08DP Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC2G08DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G08
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 8 October 2013
2 of 15
Nexperia
74HC2G08; 74HCT2G08
Dual 2-input AND gate
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 2.
Marking code
Type number
Marking code[1]
74HC2G08DP
H08
74HCT2G08DP
T08
74HC2G08DC
H08
74HCT2G08DC
T08
74HC2G08GD
H08
74HCT2G08GD
T08
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah788
1A
1B
1Y
2A
2B
2Y
001aah789
&
&
Fig 3.
Logic diagram (one gate)
mna221
A
B
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com