Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G08DC Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC2G08DC
Description  Dual 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G08DC Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC2G08DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G08DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G08
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 8 October 2013
4 of 15
Nexperia
74HC2G08; 74HCT2G08
Dual 2-input AND gate
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
C the value of P
tot derates linearly with 8 mW/K.
For XSON8 package: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC + 0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC + 0.5 V
[1] -
20
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
[1] -25
mA
ICC
supply current
[1] -50
mA
IGND
ground current
[1]
50
-
mA
Tstg
storage temperature
65
+150
C
PD
dynamic power dissipation
Tamb = 40 C to +125 C
[2] -
300
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC2G08
74HCT2G08
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com