| Electronic Components Datasheet Search |
|
SERC816TR Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SERC816TR Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 23 page ![]() 17/23 SERCON816 4.2.2 Data Containers A data container comprises one or two 16-bit control words as well as a variable number of data words. If the data is stored in the internal RAM (DMA = 0) and a single buffer is used (DBUF = 0), the data container has one buffer. Using RAM storage and double buffering (DBUF = 1), two data buffers are needed. In case of DMA transfer (DMA = 1) the data container only comprises the control words (Fig. 12). The structure of the two control words depends on whether a telegram is transmitted or received: Figure 12. Structure of Data Containers Index Bit Name Function 0 0-9 LEN Number of 16-bit data words of the data block. 10 SVFL Flag, whether data block uses service container (SVFL = 1). 11-13 NSV Number of service container, which is used (0 - 7). 14 SCMASTER Processing of service container in slave mode (SCMASTER = 0) or master mode (SCMASTER = 1). 15 LASTDC Last data container of the telegram (1) or further data containers follow (0). 1 0-15 POS Position of the data block within the telegram in number of words. The first data record of a telegram has POS = 0 (only in case of receive telegrams). c ontrol word 0 c ontrol word 0 c ontrol word 1 control word 0 control word 0 control word 1 c ontrol word 0 c ontrol word 0 c ontrol word 1 buffer buffer buffer 0 buffer 0 buffer 1 buffer 1 0 0 1 0 0 1 0 0 1 1 2 1 2 1 2 LEN + 1 LEN + 2 LEN + 1 LEN + 2 2* LEN + 1 2* LEN + 2 DMA = 0, DBUF = 0 DMA = 0, DBUF = 0 DMA = 0, DBUF = 1 DMA = 0, DBUF = 1 DMA = 1 DMA = 1 transm it telegra ms rec eive telegra ms |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |