Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1753 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1753
Description  Raspberry Pi IO Case
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1753 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1753 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specification
Case
Form factor:
170 mm × 94 mm × 28 mm
Weight:
Approx 350g
Product material:
Sheet metal
DC brushless fan
Input voltage:
5V DC (3.5 – 5.5V) supplied via four-pin fan header on a
carrier board
Start voltage:
≥ 3.5V
Power consumption:
0.85W
Rated current:
0.18 ± 0.02A
Fan speed control:
Pulse width modulation control with tachometer
Maximum fan speed:
8000 RPM ± 15% (at 25℃, after 3 – 5 minutes rotating)
Maximum airflow:
2.46 CFM
Noise:
21.7 dB
Cable length:
150 mm
Production lifetime:
The Raspberry Pi IO Case will remain in production until at
least January 2036
Compliance:
For a full list of local and regional product approvals, please
visit pip.raspberrypi.com
Raspberry Pi IO Case for Raspberry Pi Compute Module 5 – Raspberry Pi Ltd
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com