Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1785 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1785
Description  Raspberry Pi AI HAT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1785 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1785 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1785 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1785 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1785 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1785 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1785 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Raspberry Pi AI HAT+ – Raspberry Pi Ltd
Specification
Features:
Hailo-8 or Hailo-8L accelerator offering 26 TOPS or 13 TOPS
inferencing performance respectively
Fully integrated into Raspberry Pi’s camera software stack
Conforms to Raspberry Pi HAT+ specification
Supplied with 16mm stacking header, spacers, and screws to
enable fitting on Raspberry Pi 5 with Raspberry Pi Active Cooler
in place
Operating temperature:
0℃ to 50℃ (ambient)
Compliance:
For a full list of local and regional product approvals, please
visit pip.raspberrypi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com