Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43701 Datasheet(PDF) 9 Page - EPCOS

Part # B43701
Description  Aluminum electrolytic capacitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43701 Datasheet(HTML) 9 Page - EPCOS

Back Button B43701 Datasheet HTML 5Page - EPCOS B43701 Datasheet HTML 6Page - EPCOS B43701 Datasheet HTML 7Page - EPCOS B43701 Datasheet HTML 8Page - EPCOS B43701 Datasheet HTML 9Page - EPCOS B43701 Datasheet HTML 10Page - EPCOS B43701 Datasheet HTML 11Page - EPCOS B43701 Datasheet HTML 12Page - EPCOS B43701 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Capacitors with screw terminals
general information
1
Dimensional drawings
Positive pole marking: +
Ring clip/clamp mounting
Threaded stud mounting
For standard types with threaded stud the base is not insulated. Also refer to the mounting
instructions in chapter "Capacitors with screw terminals
accessories" on page 16.
Screw terminals with UNF threads are available upon request.
2
Dimensions and weights (Standard capacitors, without heat sink, M600)
2.1
Capacitors with screw terminals series B43701, B43721
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
l2 +0/ 1 d1
d2 max. a +0.2/ 0.4
M5
M5
M5
M5
M5
51.6 +0.5/ 1
51.6 +0.5/ 1
51.6 +0.5/ 1
51.6 +0.5/ 1
51.6 +0.5/ 1
80.7
96.7
105.7
118.2
130.7
87.2
103.2
112.2
124.7
137.2
17
17
17
17
17
M12
M12
M12
M12
M12
10.2
10.2
10.2
10.2
10.2
22.2
22.2
22.2
22.2
22.2
220
250
280
320
350
M5
M5
M5
M5
M5
M5
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
80.7
96.7
105.7
118.2
130.7
143.2
87.2
103.2
112.2
124.7
137.2
149.7
17
17
17
17
17
17
M12
M12
M12
M12
M12
M12
13.2
13.2
13.2
13.2
13.2
13.2
28.5
28.5
28.5
28.5
28.5
28.5
370
400
440
510
600
630
M5
M5
M5
M5
M5
M5
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
96.7
105.7
130.7
156.2
168.7
190.7
103.2
112.2
137.2
162.7
175.2
197.2
17
17
17
17
17
17
M12
M12
M12
M12
M12
M12
13.2
13.2
13.2
13.2
13.2
13.2
31.7
31.7
31.7
31.7
31.7
31.7
570
620
800
920
1000
1150
Min. reach of screw = 9.5 mm
Tolerances of terminal thread respectively stud thread:
Terminal thread M5: 6H
Stud thread M12: 6g
B43701, B43721
85
°C
Page9of29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com