Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25675C4162J715 Datasheet(PDF) 4 Page - EPCOS

Part # B25675C4162J715
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J715 Datasheet(HTML) 4 Page - EPCOS

  B25675C4162J715 Datasheet HTML 1Page - EPCOS B25675C4162J715 Datasheet HTML 2Page - EPCOS B25675C4162J715 Datasheet HTML 3Page - EPCOS B25675C4162J715 Datasheet HTML 4Page - EPCOS B25675C4162J715 Datasheet HTML 5Page - EPCOS B25675C4162J715 Datasheet HTML 6Page - EPCOS B25675C4162J715 Datasheet HTML 7Page - EPCOS B25675C4162J715 Datasheet HTML 8Page - EPCOS B25675C4162J715 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 4 of 17
Important notes at the end of this document.
Safety
Film
Self-healing metallized polypropylene film
Impregnation
Filled with Non PCB, Soft biodegradable resin
Mechanical safety
Overpressure disconnector
Terminals
Touch proof IP20 safety terminals
Max. short circuit current
(AFC: 10 kA)
Integrated discharge resistors
Discharge time ≤ 180 s to 75 V or less for safe discharging
Mean life expectancy
tLD
Up to 240 000 hours up to 33.1 kvar (temperature class –40/D)
Hotspot temperature
 65 C (Max. mean ambient temperature per
year = +35 °C )
Up to 220 000 hours up to 33.1 kvar (temperature class –40/60)
Hotspot temperature
 70 C (Max. mean ambient temperature per
year = +40 °C )
Up to 150 000 hours above 33.1 kvar (temperature class –40/D)
Hotspot temperature
 70 C (Max. mean ambient temperature per
year = +35 °C )
Terminals
Protection degree
Isolated terminals, IP20, indoor mounting (optionally with terminal
cap for IP54), VDE 0106 part 100
Terminal type
Terminal type A
& C
Terminal type B
& D
Terminal type E Terminal type F
Max. torque
1.2 Nm
2.0 Nm
2.0 Nm
2.5 Nm
Terminal cross section suitable for
connecting multistrand copper cables
16 mm2
(without cable
and lug)
25 mm2
(without cable
and lug)
25 mm2
(without cable
and lug)
35 mm2
(without cable
and lug)
Maximum terminal current
50 A
80 A
80 A
130 A
Creepage distance (min)
12.7 mm
19.1 mm
12.7 mm
Clearance (min)
9.6 mm
19.1 mm
9.6 mm
Mounting
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Upright / horizontal (horizontal only up to 224 mm height of capacitor)
See “Maintenance and Installation Manual” for further details.
Maximum altitude
4000 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com