Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3525A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SG3525A
Description  REGULATING PULSE WIDTH MODULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SG3525A Datasheet(HTML) 1 Page - STMicroelectronics

  SG3525A Datasheet HTML 1Page - STMicroelectronics SG3525A Datasheet HTML 2Page - STMicroelectronics SG3525A Datasheet HTML 3Page - STMicroelectronics SG3525A Datasheet HTML 4Page - STMicroelectronics SG3525A Datasheet HTML 5Page - STMicroelectronics SG3525A Datasheet HTML 6Page - STMicroelectronics SG3525A Datasheet HTML 7Page - STMicroelectronics SG3525A Datasheet HTML 8Page - STMicroelectronics SG3525A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SG2525A
SG3525A
REGULATING PULSE WIDTH MODULATORS
.
8 TO 35 V OPERATION
.
5.1 V REFERENCE TRIMMED TO
± 1%
.
100 Hz TO 500 KHz OSCILLATOR RANGE
.
SEPARATE OSCILLATOR SYNC TERMINAL
.
ADJUSTABLE DEADTIME CONTROL
.
INTERNAL SOFT-START
.
PULSE-BY-PULSE SHUTDOWN
.
INPUT UNDERVOLTAGE LOCKOUT WITH
HYSTERESIS
.
LATCHING PWM TO PREVENT MULTIPLE
PULSES
.
DUAL SOURCE/SINK OUTPUT DRIVERS
DESCRIPTION
The SG3525Aseries of pulse width modulator inte-
grated circuits are designed to offer improved per-
formance and lowered external parts count when
used in designing all types of switching power sup-
plies. The on-chip + 5.1 V reference is trimmed to
±
1 % and the input common-mode range of the error
amplifier includes the reference voltage eliminating
external resistors. A sync input to the oscillator al-
lows multiple units to be slaved or a single unit to be
synchronized to an external system clock. A single
resistor betweenthe CT andthe dischargeterminals
provide a wide range of dead time ad-
justment.
Thesedevicesalso featurebuilt-insoft-startcircuitry
with only an external timing capacitor required. A
shutdownterminal controls both the soft-start circu-
ity and the output stages, providing instantaneous
turn off through the PWM latch with pulsed shut-
down, as well as soft-start recycle with longer shut-
down commands. These functions are also control-
led by an undervoltagelockout which keepsthe out-
puts off and the soft-start capacitor discharged for
sub-normal input voltages. This lockout circuitry in-
cludes approximately 500 mV of hysteresis for jitter-
free operation. Another feature of these PWM cir-
cuits is a latch following the comparator. Once a
PWM pulses has been terminated for any reason,
the outputs will remain off for the duration of the pe-
riod. The latch is reset with each clock pulse. The
output stages are totem-pole designs capable of
sourcing or sinking in excess of 200 mA. The
SG3525Aoutput stage features NOR logic, giving a
LOW output for an OFF state.
DIP16
16(Narrow)
Type
Plastic DIP
SO16
SG2525A
SG2525AN
SG2525AP
SG3525A
SG3525AN
SG3525AP
PIN CONNECTIONS AND ORDERING NUMBERS (top view)
®
June 2000
1/12


Similar Part No. - SG3525A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3525A MOTOROLA-SG3525A Datasheet
205Kb / 8P
PULSE WIDTH MODULATOR CONTROL CIRCUITS
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A Datasheet
205Kb / 8P
PULSE WIDTH MODULATOR CONTROL CIRCUITS
1996 REV 2
logo
Linear Technology
SG3525A LINER-SG3525A Datasheet
536Kb / 8P
Regulating Pulse Width Modulators
logo
Microsemi Corporation
SG3525A MICROSEMI-SG3525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A Datasheet
145Kb / 10P
Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
More results

Similar Description - SG3525A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
SG2524 TI-SG2524 Datasheet
521Kb / 20P
REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
Regulating Pulse Width Modulators
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
REGULATING PULSE WIDTH MODULATORS
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
Regulating Pulse Width Modulators
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
REGULATING PULSE-WIDTH MODULATORS
logo
STMicroelectronics
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com