Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25675C4162J780 Datasheet(PDF) 13 Page - EPCOS

Part # B25675C4162J780
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J780 Datasheet(HTML) 13 Page - EPCOS

Back Button B25675C4162J780 Datasheet HTML 9Page - EPCOS B25675C4162J780 Datasheet HTML 10Page - EPCOS B25675C4162J780 Datasheet HTML 11Page - EPCOS B25675C4162J780 Datasheet HTML 12Page - EPCOS B25675C4162J780 Datasheet HTML 13Page - EPCOS B25675C4162J780 Datasheet HTML 14Page - EPCOS B25675C4162J780 Datasheet HTML 15Page - EPCOS B25675C4162J780 Datasheet HTML 16Page - EPCOS B25675C4162J780 Datasheet HTML 17Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 13 of 17
Important notes at the end of this document.
Cautions and warnings
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not
be used at all.
This applies also in cases of oil leakages.
To ensure the full functionality of the overpressure disconnector, elastic elements must not be
hindered and a minimum space of 12 mm has to be kept above each capacitor.
Do not handle the capacitor before it is discharged.
Resonance cases must be avoided by appropriate application design in any case.
Handle capacitors carefully, because they may still be charged even after disconnection due to
faulty discharging devices.
Protect the capacitor properly against over current and short circuit.
Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Discharging
Capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in
again. This prevents an electric impulse discharge in the application, influences the capacitor’s
service life and protects against electric shock. The capacitor must be discharged to 75 V or less
within 180 sec. There must be not any switch, fuse or any other disconnecting device in the circuit
between the power capacitor and the discharging device. PhaseCap Energy-capacitors have a pre-
mounted ceramic discharge module; alternatively discharge reactors are available from TDK.
Discharge and short circuit capacitor before handling!
Service life expectancy
Electrical components do not have an unlimited service life expectancy; this applies to self-healing
capacitors too. The maximum service life expectancy may vary depending on the application the
capacitor is used in.
Safety
Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or property
damage may result from bursting of the capacitor or from expulsion of oil or melted material due to
mechanical disruption of the capacitor.
Ensure good, effective grounding for capacitor enclosures.
Provide means of disconnecting and insulating a faulty component/bank.
The terminals of capacitors, connected bus bars and cables as well as other devices may also be
energized.
Follow good engineering practice.
Thermal load/over-temperature
After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not
exceeded at extreme service conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com