Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGSIF344 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SGSIF344
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGSIF344 Datasheet(HTML) 2 Page - STMicroelectronics

  SGSIF344 Datasheet HTML 1Page - STMicroelectronics SGSIF344 Datasheet HTML 2Page - STMicroelectronics SGSIF344 Datasheet HTML 3Page - STMicroelectronics SGSIF344 Datasheet HTML 4Page - STMicroelectronics SGSIF344 Datasheet HTML 5Page - STMicroelectronics SGSIF344 Datasheet HTML 6Page - STMicroelectronics SGSIF344 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
I SOW AT T220
I SOW AT T218
oC/W
Rthj-ca se
Thermal Resistance Junction-case
Max
3.12
2.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE = 1200 V
200
µA
ICEO
Collect or Cut-off
Current (IB =0)
VEC =380 V
VEC =600 V
200
2
µA
mA
IEBO
Emitt er Cut-off Current
(IC =0)
VBE =7 V
1
mA
VCEO(sus )
∗ Collector-Emitter
Sustaining Voltage
IC = 100 mA
600
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =3.5 A
IB =0.7 A
IC =2.5 A
IB =0.35 A
1.5
1.5
V
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =3. 5 A
IB =0.7 A
IC =2.5 A
IB =0.35 A
1.5
1.5
V
V
tON
ts
tf
Turn-on T ime
St orage Time
Fall T ime
RESI STIVE LO AD
vCC =250 v
IC =3.5 A
IB1 =0.7 A
IB1 =-1.4 A
0.7
2.2
0. 18
1.2
3.5
0.4
µs
µs
µs
tON
ts
tf
Turn-on T ime
St orage Time
Fall T ime
RESI STIVE LO AD
vCC =250 v
IC =3.5 A
IB1 =0.7 A
IB1 =-1.4 A
With Ant isaturation Network
0.7
1.5
0.2
µs
µs
µs
tON
ts
tf
Turn-on T ime
St orage Time
Fall T ime
RESI STIVE LO AD
VCC =250 V
IC =3.5 A
IB1 =0.7 A
VBE(off ) = - 5 V
0.7
1
0.2
µs
µs
µs
ts
tf
St orage Time
Fall T ime
INDUCTIVE LOAD
IC =3.5 A
hFE =5
VCL = 450 V
VBE(off) =-5 V
L = 300
µHRBB =1.2 Ω
1.4
0.1
2.8
0.2
µs
µs
ts
tf
St orage Time
Fall T ime
INDUCTIVE LOAD
IC =3. 5 A
hFE =5
VCL = 450 V
VBE(off) =-5 V
L = 300
µHRBB =1.2 Ω
Tc = 100
oC
4
0.3
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
SGSIF344 / SGSIF444
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com