Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684408 Datasheet(PDF) 23 Page - EPCOS

Part # B32656S7684408
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684408 Datasheet(HTML) 23 Page - EPCOS

Back Button B32656S7684408 Datasheet HTML 19Page - EPCOS B32656S7684408 Datasheet HTML 20Page - EPCOS B32656S7684408 Datasheet HTML 21Page - EPCOS B32656S7684408 Datasheet HTML 22Page - EPCOS B32656S7684408 Datasheet HTML 23Page - EPCOS B32656S7684408 Datasheet HTML 24Page - EPCOS B32656S7684408 Datasheet HTML 25Page - EPCOS B32656S7684408 Datasheet HTML 26Page - EPCOS B32656S7684408 Datasheet HTML 27Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
23 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S
Snubber (wound)
Ordering codes and packing units
VR
V DC
VRMS
f ≤1kHz
V AC
CR
nF
Max. dimensions
w x h x l
mm
IRMS
100 kHz
A
ESRtyp
100 kHz
mΩ
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
2000 800
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+561 T1
192
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+562 T2
192
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+563 T3
144
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+564 T4
192
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+565 T5
192
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+566 T6
192
120
16.0 x 28.5 x 42.0
7.0
14.0
B32656S2124+577 T7
180
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+408 T8
140
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+409 T9
140
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+411 T11
112
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+418 T18
140
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+561 T1
140
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+562 T2
140
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+563 T3
120
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+564 T4
128
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+565 T5
128
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+566 T6
140
150
18.0 x 32.5 x 42.0
8.0
13.0
B32656S2154+577 T7
156
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+408 T8
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+409 T9
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+410 T10
120
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+411 T11
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+418 T18
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+561 T1
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+562 T2
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+563 T3
104
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+564 T4
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+565 T5
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+566 T6
96
220
20.0 x 39.5 x 42.0 11.0
9.0
B32656S2224+577 T7
144
270
28.0 x 37.0 x 42.0 12.5
8.0
B32656S2274+408 T8
108
270
28.0 x 37.0 x 42.0 12.5
8.0
B32656S2274+409 T9
108
270
28.0 x 37.0 x 42.0 12.5
8.0
B32656S2274+410 T10
80
270
28.0 x 37.0 x 42.0 12.5
8.0
B32656S2274+411 T11
72
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ = Capacitance tolerance code:
K = ±10%
J= ±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com