Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32656S7684411 Datasheet(PDF) 54 Page - EPCOS

Part # B32656S7684411
Description  Film capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7684411 Datasheet(HTML) 54 Page - EPCOS

Back Button B32656S7684411 Datasheet HTML 50Page - EPCOS B32656S7684411 Datasheet HTML 51Page - EPCOS B32656S7684411 Datasheet HTML 52Page - EPCOS B32656S7684411 Datasheet HTML 53Page - EPCOS B32656S7684411 Datasheet HTML 54Page - EPCOS B32656S7684411 Datasheet HTML 55Page - EPCOS B32656S7684411 Datasheet HTML 56Page - EPCOS B32656S7684411 Datasheet HTML 57Page - EPCOS B32656S7684411 Datasheet HTML 58Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
54 12/21
Please read Cautions and warnings and
Important notes at the end of this document.
Metallized polypropylene film capacitors (MKP)
B32656S, B32658S
Snubber (wound)
Maximum AC voltage (VRMS), current (IRMS) versus frequency and temperature for TA >90 °C
The graphs described in the previous section for the permissible AC voltage (VRMS) or current
(IRMS) versus frequency are given for a maximum ambient temperature TA ≤90 ºC. In case of higher
ambient temperatures (TA), the self-heating (ΔT) of the component must be reduced to avoid that
temperature of the component (Top= TA + ΔT) reaches values above maximum operating tempera-
ture.
The factor FT shall be applied in the following way:
IRMS (TA) = IRMS,T
A ≤90 °C
∙ FT (TA)
VRMS (TA) = VRMS,T
A ≤90 °C∙ FT (T
A)
And FT is given by the following curve:
Curves characteristics (IRMS derating versus temperature)
Maximum IRMS current as function of the ambient temperature: IRMS (TA) = Factor x IRMS (90 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com