Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4002 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4002 Datasheet HTML 3Page - Analog Devices ADF4002 Datasheet HTML 4Page - Analog Devices ADF4002 Datasheet HTML 5Page - Analog Devices ADF4002 Datasheet HTML 6Page - Analog Devices ADF4002 Datasheet HTML 7Page - Analog Devices ADF4002 Datasheet HTML 8Page - Analog Devices ADF4002 Datasheet HTML 9Page - Analog Devices ADF4002 Datasheet HTML 10Page - Analog Devices ADF4002 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADF4002
Data Sheet
Rev. D | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RSET
CP
CPGND
AGND
MUXOUT
LE
DATA
CLK
CE
DGND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RFINB
RFINA
AVDD
REFIN
VP
DVDD
ADF4002
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. TSSOP Pin Configuration (Top View)
MUXOUT
LE
DATA
CLK
CPGND
AGND
AGND
CE
RFINB
RFINA
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO AGND.
14
13
12
1
3
4
15
11
2
5
ADF4002
TOP VIEW
(Not to Scale)
Figure 4. LFCSP Pin Configuration (Top View)
Table 5. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current. The
nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
SET
MAX
CP
R
I
25.5
=
where RSET = 5.1 kΩ and ICPMAX = 5 mA.
2
20
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter that, in turn, drives the
external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the RF input.
5
4
RFINB
Complementary Input to the RF Input. This point must be decoupled to the ground plane with a small
bypass capacitor, typically 100 pF. See Figure 11.
6
5
RFINA
Input to the RF Input. This small signal input is ac-coupled to the external VCO.
7
6, 7
AVDD
Analog Power Supply. This can range from 2.7 V to 3.3 V. Decoupling capacitors to the analog ground
plane should be placed as close as possible to the AVDD pin. AVDD must be the same value as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input
resistance of 100 kΩ. See Figure 10. This input can be driven from a TTL or CMOS crystal oscillator or it can
be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-
state mode. Taking this pin high powers up the device, depending on the status of the Power-Down Bit F2.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into
the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a
high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of
the four latches; the latch is selected using the control bits.
14
15
MUXOUT
Multiplexer Output. This allows either the lock detect, the scaled RF, or the scaled reference frequency to
be accessed externally.
15
16, 17
DVDD
Digital Power Supply. This can range from 2.7 V to 3.3 V. Decoupling capacitors to the digital ground plane
should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
16
18
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V, it can
be set to 5.5 V and used to drive a VCO with a tuning range of up to 5 V.
EP
Exposed Pad. The exposed pad must be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com