Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-16LFCSPEBZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-16LFCSPEBZ
Description  Evaluation Board for the 16-Lead LFCSP Devices in the Switches and Multiplexers Portfolio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-16LFCSPEBZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-16LFCSPEBZ Datasheet HTML 1Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 2Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 3Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 4Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 5Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 6Page - Analog Devices EVAL-16LFCSPEBZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
User Guide | EVAL-16LFCSP
UG-2093
Evaluation Board for the 16-Lead LFCSP Devices in the Switches and Multiplexers Portfolio
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | 1 of 7
FEATURES
►
16-lead, 4 mm × 4 mm LFCSP evaluation board
►
Easily changeable clamshell socket for the main device
►
Gold pin connectors for the addition of passive components
►
SMB connectors for the input and output of signals
►
Additional space on board for prototyping
EVALUATION KIT CONTENTS
►
EVAL-16LFCSPEBZ
DOCUMENTS NEEDED
►
Data sheet for the device being evaluated
EQUIPMENT NEEDED
►
Device being evaluated
►
DC voltage source
►
Analog signal source
►
Method to measure voltage, such as a digital multimeter (DMM)
GENERAL DESCRIPTION
The EVAL-16LFCSPEBZ enables easy evaluation of the 16-lead
lead frame chip scale package (LFCSP) devices in the Switches
and Multiplexers Portfolio that are purchased separately. The
EVAL-16LFCSPEBZ is supplied with a clamshell socket to secure
a 16-lead LFCSP device to the evaluation board without the need
for soldering. In addition, there are three sets of gold pin connectors
in each trace, for board flexibility and reusability for multiple evalua-
tions.
Figure 1 shows the EVAL-16LFCSPEBZ. A 16-lead LFCSP device
can be inserted into the socket in the center of the evaluation
board. Each device pin has a corresponding three-pin header link,
from K1 to K16. This can either be connected to an external
signal source by removing the corresponding link or use the link to
choose between VDD or GND. A wire screw terminal, J5, supplies
the VDD and GND. The Subminiature Version B (SMB) connectors
on the EVAL-16LFCSPEBZ allow additional external signals to be
supplied to the device. In addition, there is a perfboard space and
two 16-lead LFCSP pads (3 mm x 3 mm and 2.1 mm x 2.1 mm)
available on top of the EVAL-16LFCSPEBZ for prototyping.
The full specifications of the device under test (DUT) are avail-
able in the corresponding product data sheet, which must be
consulted with the EVAL-16LFCSPEBZ user guide when using the
EVAL-16LFCSPEBZ.
EVALUATION BOARD PHOTOGRAPH
Figure 1. EVAL-16LFCSPEBZ


Similar Part No. - EVAL-16LFCSPEBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-10MSOPEBZ AD-EVAL-10MSOPEBZ Datasheet
272Kb / 6P
Evaluation Board for 10-Lead MSOP Devices in the Switches and Multiplexers Portfolio
Rev. 0
EVAL-14TSSOPEBZ AD-EVAL-14TSSOPEBZ Datasheet
308Kb / 7P
Evaluation Board for 14-Lead TSSOP Devices in the Switches and Multiplexers Portfolio
Rev. 0
EVAL-1CH2CHSOICEBZ AD-EVAL-1CH2CHSOICEBZ Datasheet
328Kb / 8P
Access to 2 data channels
Rev. 0
logo
Infineon Technologies A...
EVAL-1ED3121MX12H INFINEON-EVAL-1ED3121MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
EVAL-1ED3122MX12H INFINEON-EVAL-1ED3122MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
More results

Similar Description - EVAL-16LFCSPEBZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
Analog Devices
UG-190 AD-UG-190 Datasheet
331Kb / 8P
Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
UG-054 AD-UG-054 Datasheet
468Kb / 8P
Setting Up the Evaluation Board for the ADP150
REV. 0
logo
Silicon Laboratories
SI537X-EVB SILABS-SI537X-EVB Datasheet
922Kb / 41P
EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
logo
Sames
PM2005MP SAMES-PM2005MP Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com