Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57703M Datasheet(PDF) 2 Page - EPCOS

Part # B57703M
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57703M Datasheet(HTML) 2 Page - EPCOS

  B57703M Datasheet HTML 1Page - EPCOS B57703M Datasheet HTML 2Page - EPCOS B57703M Datasheet HTML 3Page - EPCOS B57703M Datasheet HTML 4Page - EPCOS B57703M Datasheet HTML 5Page - EPCOS B57703M Datasheet HTML 6Page - EPCOS B57703M Datasheet HTML 7Page - EPCOS B57703M Datasheet HTML 8Page - EPCOS B57703M Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1) Depends on mounting situation.
Applications
Surface temperature measurement,
e.g. on housings and heat sinks
Features
High accuracy
Easy mounting
Good thermal coupling through metal tag
Thermistor encapsulated in metal-tag case
AWG 30, PTFE-insulated leads of
silver-plated nickel wire or AWG 26
(stranded, 7 x AWG 34), PTFE-insulated
leads of silver-plated copper wire
UL approval (E69802)
Options
Alternative resistance ratings, rated
temperatures, resistance tolerances, lead
lengths and AWG 28 stranded wires
available on request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 0.8 g
Ordering code
Wire length
"l" in mm
B57703M0103A017
115
±10
B57703M0103A018
200
±10
B57703M0103A019
500
±10
B57703M0103G040
45
±3
B57703M0303G040
45
±3
B57703M0502G040
45
±3
General technical data
Climatic category
(IEC 60068-1)
55/125/56
Max. power
(at 25
°C)
P25
150
mW
Resistance tolerance
∆R
R/RR
±2
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
1)
approx. 3
mW/K
Thermal cooling time constant
(in air)
τ
c
1)
approx. 50
s
Heat capacity
Cth1)
approx. 150
mJ/K
Test voltage
(t = 1 s)
Vtest
1000
V AC
Temperature measurement
B57703M
Probe assemblies
M703
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com