Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3525AP Datasheet(PDF) 7 Page - STMicroelectronics

Part # SG3525AP
Description  REGULATING PULSE WIDTH MODULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SG3525AP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SG3525AP Datasheet HTML 3Page - STMicroelectronics SG3525AP Datasheet HTML 4Page - STMicroelectronics SG3525AP Datasheet HTML 5Page - STMicroelectronics SG3525AP Datasheet HTML 6Page - STMicroelectronics SG3525AP Datasheet HTML 7Page - STMicroelectronics SG3525AP Datasheet HTML 8Page - STMicroelectronics SG3525AP Datasheet HTML 9Page - STMicroelectronics SG3525AP Datasheet HTML 10Page - STMicroelectronics SG3525AP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SHUTDOWN OPTIONS (see Block Diagram)
Since both the compensation and soft-start termi-
nals (Pins 9 and 8) have current source pull-ups,
either can readily accept a pull-down signal which
only has to sink a maximum of 100
µA to turn off the
outputs.This is subject to the added requirement of
discharging whatever external capacitance may be
attached to these pins.
An alternateapproachis the useof the shutdowncir-
cuitry of Pin 10 which has been improved to en-
hance the available shutdown options. Activating
this circuit by applying a positive signal on Pin 10
performs two functions : the PWM latch is immedi-
ately set providing the fastest turn-off signal to the
outputs ; and a 150
µA current sink begins to dis-
charge the external soft-start capacitor. If the shut-
down command is short, the PWM signal is termi-
nated without significant discharge of the soft-start
capacitor, thus, allowing, for example, a convenient
implementation of pulse-by-pulse current limiting.
Holding Pin 10 high for a longer duration, however,
will ultimately discharge this external capacitor, re-
cycling slow turn-on upon release.
Pin 10 should not be left floating as noise pickup
could conceivably interrupt normal operation.
Figure 5 : Error Amplifier.
PRINCIPLES OF OPERATION
SG2525A-SG3525A
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com