Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T024X000FJM-BK Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # T024X000FJM-BK
Description  PXE SERIES Mobile Printer Cost-Effective Network and Electrical Functionality
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJM-BK Datasheet(HTML) 5 Page - PANDUIT CORP.

  T024X000FJM-BK Datasheet HTML 1Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 2Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 3Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 4Page - PANDUIT CORP. T024X000FJM-BK Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Product Bulletin
© 2022 Panduit Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
LITERATURE # IDCB94-SA-ENG
08/2022
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
For more information
Visit us at www.panduit.com
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Entry-Level Mobile Printer Comparison
Competitive comparison based on published specifications.
PXE SERIES
MP75
PXE™ Series
Mobile Printer
FEATURES
MP75
BMP21-PLUS
PT-E110
Price
$
$$
$
Label Width
0.75 in.
0.75 in.
0.47 in.
Label Offering
HHHH
HHHHH
HHH
Cutter
Manual
Manual
Manual
Barcode, Symbols
& File Storage
HHHHH
HH
H
Weight
0.9 lbs.
1.66 lbs.
0.9 lbs.
MP75
MP100
MP200
MP300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com