Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1220 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML1220
Description  Lithium Manganese Dioxide Rechargeable Batteries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML1220 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML1220 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML1220 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML1220 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML1220 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
* Nominal capacity indicates duration until the voltage drops down to 2.0V when discharged at a nominal discharge current at 20 deg. C.
** Dimensions and weight are for the battery itself, but may vary depending on the shape of terminals or other factors.
Hitachi Maxell, Ltd.
2-8-12, Iidabashi, Chiyoda-ku, Tokyo 102-8521, Japan
http://www.maxell.com
• Data and dimensions are just reference values. For further details,
please contact us at your nearest Maxell office.
• Contents on this website are subject to change without notice.
Date of issue: June, 2003
3.5
3.0
2.5
2.0
1.5
1.0
0
60
40
20
80
100
120
140
160
180
Discharge duration time (h)
Discharge load: 15 k
Temperature: 20 deg. C
Discharge load: 15 k
Temperoture: 20 deg. C
After s
tored for 60 days at 60 deg. C
Inital
G
Storage Characteristics
3.5
3.0
2.5
2.0
1.5
1.0
0
5
10
15
20
25
30
Discharge duration time (h)
4mA
1mA
3mA
2mA
G
High Rate Discharge Characteristics
G
Floating Charge Characteristics
1.5
2
2.5
3
3.5
0
50
100
150
200
Discharge duration time (h)
Initial
After charged at 3.3V for
20 days at 60 deg. C
Characteristics
Data Sheet LithiumManganeseDioxideRechargeableBatteries
ML2016
2/2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com