Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4046AD Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # 74HC4046AD
Description  Phase-locked loop with VCO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4046AD Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button 74HC4046AD Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74HC4046AD Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
74HC_HCT4046A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 8 June 2016
21 of 50
NXP Semiconductors
74HC4046A; 74HCT4046A
Phase-locked loop with VCO
VCO section; Tamb = 40 Cto+85 C
VIH
HIGH-level
input voltage
pin INH
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level
input voltage
pin INH
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level
output voltage
pin VCO_OUT; VI =VIH or VIL
IO = 20 A; VCC =4.5 V
4.4
-
-
V
IO = 4mA; VCC =4.5 V
3.84
-
-
V
VOL
LOW-level
output voltage
pin VCO_OUT; VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
-
0.1
V
IO =4mA; VCC = 4.5 V
-
-
0.33
V
pins C1A, C1B; VI =VIH or VIL
IO =4mA; VCC = 4.5 V
-
-
0.47
V
II
input leakage
current
pins INH, VCO_IN; VI =VCC or GND
VCC =5.5 V
-
-
1
A
General; Tamb = 40 Cto+85 C
ICC
supply current VCO disabled; pins COMP_IN, INH and SIG_IN at VCC;
pin VCO_IN at GND; II at pins COMP_IN and SIGN_IN to be
excluded
VCC =6V
-
-
80.0
A
I
CC
additional
supply current
pin INH; VI = VCC  2.1 V; pins COMP_IN and SIG_IN at VCC;
pin VCO_IN at GND; II at pins COMP_IN and SIGN_IN to be
excluded
VCC = 4.5 V to 5.5 V
-
-
450
A
Phase comparator section; Tamb = 40 Cto+125 C
VIH
HIGH-level
input voltage
pins SIG_IN, COMP_IN; DC coupled
VCC =4.5 V
3.15
-
-
V
VIL
LOW-level
input voltage
pins SIG_IN, COMP_IN; DC coupled
VCC =4.5 V
-
-
1.35
V
VOH
HIGH-level
output voltage
pins PCP_OUT, PCn_OUT; VI =VIH or VIL
IO = 20 A; VCC =4.5 V
4.4
-
-
V
IO = 4mA; VCC = 4.5 V
3.7
-
-
V
VOL
LOW-level
output voltage
pins PCP_OUT, PCn_OUT; VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
-
0.1
V
IO =4mA; VCC = 4.5 V
-
-
0.4
V
II
input leakage
current
pins SIG_IN, COMP_IN; VI =VCC or GND
VCC =5.5 V
-
-
45
A
IOZ
OFF-state
output current
pin PC2_OUT; VI =VIH or VIL; VO =VCC or GND
VCC =5.5 V
-
-
10
A
Table 6.
Static characteristics 74HCT4046A
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com