Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4053DB Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC4053DB
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4053DB Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC4053DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4053DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 10 February 2016
7 of 31
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
10. Static characteristics
Table 6.
RON resistance per switch for 74HC4053 and 74HCT4053
VI = VIH or VIL; for test circuit see Figure 9.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
For 74HC4053: VCC  GND or VCC  VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
For 74HCT4053: VCC  GND = 4.5 V and 5.5 V, VCC  VEE = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
RON(peak) ON resistance (peak)
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
--
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
100
180
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
90
160
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
70
130
RON(rail)
ON resistance (rail)
Vis =VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
-150
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
80
140
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
70
120
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
60
105
Vis =VCC
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
-150
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
90
160
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
80
140
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
65
120
R
ON
ON resistance mismatch
between channels
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V
[1]
--
-
VCC = 4.5 V; VEE = 0 V
-
9
-
VCC = 6.0 V; VEE = 0 V
-
8
-
VCC = 4.5 V; VEE = 4.5 V
-
6
-
Tamb = 40 Cto+85 C
RON(peak) ON resistance (peak)
Vis =VCC to VEE
VCC = 2.0 V; VEE = 0 V; ISW = 100 A
[1]
--
-
VCC = 4.5 V; VEE = 0 V; ISW = 1000 A
-
-
225
VCC = 6.0 V; VEE = 0 V; ISW = 1000 A
-
-
200
VCC = 4.5 V; VEE = 4.5 V; ISW = 1000 A
-
-
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com