Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2T Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM2T
Description  Transient Voltage Suppressor: TRANSIL ?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM2T Datasheet(HTML) 4 Page - STMicroelectronics

  SM2T Datasheet HTML 1Page - STMicroelectronics SM2T Datasheet HTML 2Page - STMicroelectronics SM2T Datasheet HTML 3Page - STMicroelectronics SM2T Datasheet HTML 4Page - STMicroelectronics SM2T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SM2T series
4/5
PACKAGE MECHANICAL DATA
DO216-AA (ST mite)
C
L2
L
A1
R1
R
0° to 6°
b
H
b2
D
L3
A
E
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.85
1.00
1.15
0.033
0.039
0.045
A1
0.10
0.004
b
0.40
0.65
0.016
0.025
b2
0.70
1.00
0.027
0.039
c
0.10
0.25
0.004
0.010
D
1.75
1.90
2.05
0.069
0.007
0.081
E
1.75
1.90
2.05
0.069
0.007
0.081
H
3.60
3.75
3.90
0.142
0.148
0.154
L
0.50
0.63
0.80
0.047
0.025
0.031
L2
1.20
1.35
1.50
0.047
0.053
0.059
L3
0.50 ref
0.019 ref
R
0.07
0.003
R1
0.07
0.003
Note: The anode is connected to the longer tab
The cathode is connected to the shorter tab (heatsink)
2.67
2.54
0.762
1.27
0.635
RECOMMENDED LAYOUT
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VFM(V)
T
j=25°C
T
j=150°C
IFM(A)
Fig. 9: Forward voltage drop versus forward current (typi-
cal values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com