Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2012A
Description  INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2012A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2012A Datasheet HTML 1Page - List of Unclassifed Manufacturers 2012A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VIP Sensors
California, USA
Ph (949) 429 3558
Fx (949) 528 0126
info@vipsensors.com
www.vipsensors.com
VIP Sensors reserves the right to modify
these specifications without notice. V01
Quality
Innovations
Customer Satisfaction
MODEL
2012A
INTEGRAL ELECTRONICS (IEPE)
PIEZOELECTRIC ACCELEROMETER
Typical Amplitude Response
-5
0
5
10
15
20
1
10
100
1000
10000 100000
FREQUENCY IN Hz
• Measurement Range to 100 g
• Ground Isolation
• Low Impedance Output
• Top Connector
• Stud Mounted
Description
The VIP Sensors Model 2012A is a stud mounted piezoelectric
accelerometer designed for general vibration measurement on
structures and objects. It offers a measurement range to 100 g
with a sensitivity of 50 mV/g. The accelerometer transmits its low
impedance voltage output through the same cable that supplies
the constant current power.
The
Model
2012A
design
is
sealed
against
external
contamination. Signal return is isolated from the outer case of the
unit. The accelerometer features a 10-32 top connector that is
used with coaxial cable for error-free operation.
VIP Sensors Signal Conditioner Models 5005, 5100 and 5102 are
recommended for use with this low impedance accelerometer.
in (mm)
Typical Temperature Response
-15
-10
-5
0
5
10
15
-50
50
150
250
350
TEMPERATURE °F (°C)
(-46)
(10)
(66)
(121)
(177)
S=0.689
0.787
S=17.5
20
M5
M5(OUT)
actual size
10-32
10-32 (OUT)


Similar Part No. - 2012A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
2012 KEMET-2012 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Christian Bürkert GmbH ...
2012 BURKERT-2012 Datasheet
4Mb / 21P
AirLINE – the valve island optimised for process automation
04.10.2023
2012 BURKERT-2012 Datasheet
1Mb / 14P
AirLINE Field – the valve island – optimised for process automation
04.10.2023
2012 BURKERT-2012 Datasheet
1Mb / 14P
Accessories for pneumatic stroke and rotary actuators – CLASSIC and ELEMENT process valves
26.01.2022
2012 BURKERT-2012 Datasheet
2Mb / 18P
3/2- or 4/2-way solenoid valve for pneumat-ics
03.10.2023
More results

Similar Description - 2012A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1006A ETC2-1006A Datasheet
57Kb / 2P
PIEZOELECTRIC ACCELEROMETER
2016A ETC2-2016A Datasheet
258Kb / 2P
INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
2011A ETC2-2011A Datasheet
50Kb / 2P
INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
1017A ETC2-1017A Datasheet
52Kb / 2P
PIEZOELECTRIC ACCELEROMETER
1021A ETC2-1021A Datasheet
80Kb / 2P
PIEZOELECTRIC ACCELEROMETER
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
810M1 TEC-810M1 Datasheet
158Kb / 3P
Piezoelectric Linear Accelerometer
8101 TEC-8101 Datasheet
166Kb / 4P
Piezoelectric Linear Accelerometer
logo
KISTLER INSTRUMENT CORP...
8763B KISTLER-8763B Datasheet
3Mb / 4P
Miniature IEPE Triaxial Accelerometer, with TEDS Option
2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com