Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055A100FAT2A Datasheet(PDF) 13 Page - AVX Corporation

Part # 08055A100FAT2A
Description  Multilayer Ceramic Chip Capacitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055A100FAT2A Datasheet(HTML) 13 Page - AVX Corporation

Back Button 08055A100FAT2A Datasheet HTML 9Page - AVX Corporation 08055A100FAT2A Datasheet HTML 10Page - AVX Corporation 08055A100FAT2A Datasheet HTML 11Page - AVX Corporation 08055A100FAT2A Datasheet HTML 12Page - AVX Corporation 08055A100FAT2A Datasheet HTML 13Page - AVX Corporation 08055A100FAT2A Datasheet HTML 14Page - AVX Corporation 08055A100FAT2A Datasheet HTML 15Page - AVX Corporation 08055A100FAT2A Datasheet HTML 16Page - AVX Corporation 08055A100FAT2A Datasheet HTML 17Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
12
Z5U Dielectric
General Specifications
Z5U formulations are “general-purpose” ceramics which are
meant primarily for use in limited temperature applications
where small size and cost are important. Z5U show wide
variations in capacitance under influence of environmental
and electrical operating conditions.
Despite their capacitance instability, Z5U formulations
are very popular because of their small size, low ESL, low
ESR and excellent frequency response. These features are
particularly important for decoupling application where only a
minimum capacitance value is required.
Capacitance Range
0.01 µF to 1.0 µF
Capacitance Tolerances
Preferred +80 –20%
others available: ±20%, +100 –0%
Operating Temperature Range
+10°C to +85°C
Temperature Characteristic
+22% to –56% max.
Voltage Ratings
25 and 50VDC (+85°C)
Dissipation Factor
4% max.
Insulation Resistance (+25°C, RVDC)
10,000 megohms min. or 1000 M
Ω - µF min., whichever is less
Dielectric Strength
250% of rated voltage for 5 seconds at 50 mamp max. current
Test Voltage
0.5 ± 0.2 Vrms
Test Frequency
1 KHz
PERFORMANCE CHARACTERISTICS
0805
Size
(L" x W")
5
Voltage
25V = 3
50V = 5
E
Dielectric
Z5U = E
104
Capacitance
Code
Z
Capacitance
Tolerance
Preferred
Z = +80%
–20%
M = ±20%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Solder
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
PART NUMBER (see page 3 for complete part number explanation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com