Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G04GV Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G04GV
Description  Dual inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G04GV Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G04GV Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G04GV Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVC2G04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 10 September 2014
7 of 17
NXP Semiconductors
74LVC2G04
Dual inverter
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5VCC
0.5VCC
2.3 V to 2.7 V
0.5VCC
0.5VCC
2.7V
1.5V
1.5V
3.0V to 3.6V
1.5V
1.5V
4.5 V to 5.5 V
0.5VCC
0.5VCC
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Test circuit for measuring switching times
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
2.3 V to 2.7 V
VCC
 2.0ns
30pF
500
open
2.7V
2.7V
 2.5ns
50pF
500
open
3.0V to 3.6V
2.7V
 2.5ns
50pF
500
open
4.5 V to 5.5 V
VCC
 2.5ns
50pF
500
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com