Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G04GF Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G04GF
Description  Dual inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G04GF Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2G04GF Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC2G04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 10 September 2014
2 of 17
NXP Semiconductors
74LVC2G04
Dual inverter
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G04GW
40 Cto +125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC2G04GV
40 Cto +125 C
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC2G04GM
40 Cto +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC2G04GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
74LVC2G04GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC2G04GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74LVC2G04GW
V4
74LVC2G04GV
V04
74LVC2G04GM
V4
74LVC2G04GF
V4
74LVC2G04GN
V4
74LVC2G04GS
V4
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com