Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G04GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G04GS
Description  Dual inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G04GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC2G04GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74LVC2G04 provides the dual inverting buffer.
Inputs can be driven from either 3.3 V or 5 V devices. These features allow the use of
these devices in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant inputs for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
24 mA output drive (V
CC =3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from
40 Cto+85 C and 40 C to +125 C.
74LVC2G04
Dual inverter
Rev. 7 — 10 September 2014
Product data sheet


Similar Part No. - 74LVC2G04GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G04GS NEXPERIA-74LVC2G04GS Datasheet
252Kb / 16P
Dual inverter
Rev. 12 - 26 January 2022
74LVC2G04GS NEXPERIA-74LVC2G04GS Datasheet
206Kb / 18P
Dual inverter
Rev. 8 17 September 2015
74LVC2G04GS-Q100 NEXPERIA-74LVC2G04GS-Q100 Datasheet
208Kb / 12P
Dual inverter
74LVC2G04GS-Q100 NEXPERIA-74LVC2G04GS-Q100 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
74LVC2G04GS-Q100 NEXPERIA-74LVC2G04GS-Q100 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results

Similar Description - 74LVC2G04GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
Dual inverter
2004 Sep 21
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
Dual inverter
Rev. 01-15 November 2006
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
Dual Inverter
March, 2008 - Rev. 2
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
Dual Inverter
March, 2008 - Rev. 0
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
DUAL INVERTER
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
Dual Inverter
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
Dual inverter
Rev. 12 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com