Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1597KIT4MPI Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1597KIT4MPI
Description  Embedded DIN Rail Mounted Enclosures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1597KIT4MPI Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1597KIT4MPI Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1597KIT4MPI Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9/19/23, 2:16 PM
Embedded DIN Rail Mounted Enclosures (1597KIT Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1597kit
1/2
Beaglebone Black
Part Number
Height
Width
Depth
Model
1597KIT4MBB
3.54
2.80
1.27
Standard (compact)
1597KIT4MCBB
3.54
2.82
2.44
Standard
Raspberry Pi 3
Part Number
Height
Width
Depth
Model
1597KIT4MCPI3
3.54
2.80
1.27
Standard (compact)
1597KIT4MPI3
3.56
2.81
2.44
Standard
1597KIT6MPI3
3.56
4.19
2.44
Standard
Raspberry Pi 4
Part Number
Height
Width
Depth
Model
1597KIT4MPI4
3.56
2.81
2.44
Standard
1597KIT6MPI4
3.56
4.19
2.44
Standard
Raspberry Pi B+
Part Number
Height
Width
Depth
Model
1597KIT4MCPIB
3.54
2.80
1.27
Standard (compact)
1597KIT4MPI
3.56
2.81
2.44
Standard
1597KIT6MPIB
3.56
4.19
2.44
Standard
1597KITRBPI
4.70
3.98
0.89
Rail Box
Embedded DIN Rail Mounted Enclosures 1597KIT Series
Key Features:
Designed to mount onto standard 35mm DIN rails using integrated DIN rail mounting clip
Designed for use with a variety of Raspberry Pi and Beaglebone development boards
Enclosures come with pre-made cutouts for development board components
Hardware required to install development boards is included. (See 1593ATS50 for
replacements)
Enclosures assemble via snap-together construction
Housings are constructed of RAL7035 light grey PC-ABS plastic with UL 94 V-0 flame
rating
Clear cover plates are made of PC material with UL 94 V-2 flame rating
Red rail box DIN clips are made of PA6 material with UL 94 V-2 flame rating. (See
1597DINCLIPRB for replacements)
Standard dark gray DIN clips are made of PPO material with UL 94 V-0 flame
rating. (See 1597DINCLIPXT for replacements)
Quality Products. Service Excellence.


Similar Part No. - 1597KIT4MPI

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1597 ADAFRUIT-1597 Datasheet
222Kb / 2P
Professional Silicone-Tip Solder Sucker
5-5-17
logo
Festo Corporation.
159700 FESTO-159700 Datasheet
92Kb / 2P
Air solenoid valve
logo
Lumberg
159701 LUMBERG-159701 Datasheet
278Kb / 3P
Jack connectors
logo
Festo Corporation.
159701 FESTO-159701 Datasheet
102Kb / 2P
Air solenoid valve
logo
Lumberg
159702 LUMBERG-159702 Datasheet
293Kb / 3P
Jack connectors
More results

Similar Description - 1597KIT4MPI

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
4712127 FIBOX-4712127 Datasheet
52Kb / 1P
DIN-35 Mounting rail, for enclosures
18.01.2023
4712201 FIBOX-4712201 Datasheet
56Kb / 1P
DIN rail frame set, for enclosures
18.01.2023
4712205 FIBOX-4712205 Datasheet
44Kb / 1P
DIN rail frame set, for enclosures
18.01.2023
9820005 FIBOX-9820005 Datasheet
49Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9820011 FIBOX-9820011 Datasheet
36Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9822001 FIBOX-9822001 Datasheet
49Kb / 1P
DIN-35 Mounting rail, for enclosures
02.08.2023
9822002 FIBOX-9822002 Datasheet
46Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
9822008 FIBOX-9822008 Datasheet
46Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
9822014 FIBOX-9822014 Datasheet
48Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
9822022 FIBOX-9822022 Datasheet
46Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com