Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65813 Datasheet(PDF) 4 Page - EPCOS

Part # B65813
Description  Ferrites and accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65813 Datasheet(HTML) 4 Page - EPCOS

  B65813 Datasheet HTML 1Page - EPCOS B65813 Datasheet HTML 2Page - EPCOS B65813 Datasheet HTML 3Page - EPCOS B65813 Datasheet HTML 4Page - EPCOS B65813 Datasheet HTML 5Page - EPCOS B65813 Datasheet HTML 6Page - EPCOS B65813 Datasheet HTML 7Page - EPCOS B65813 Datasheet HTML 8Page - EPCOS B65813 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
Ungapped
1) Preliminary data
Other AL values/air gaps and materials available on request – see Processing remarks on page 10.
Material
AL value
nH
e
PV
W/set
Ordering code
-J without center hole
PC2001)
1800 +30/–20%
640
< 1.20 ( 50 mT, 1000 kHz, 100 °C)
< 1.60 ( 30 mT, 2000 kHz, 100 °C)
B65813J0000R608
N30
7600 +30/–20% 2720
B65813J0000R030
T38
16000 +40/–30% 5720
B65813J0000Y038
N49
2900 +30/–20% 1040
< 0.75 ( 50 mT, 500 kHz, 100
C) B65813J0000R049
N87
4200 +30/–20% 1500
< 2.30 (200 mT, 100 kHz, 100
C) B65813J0000R087
N97
4200 +30/–20% 1500
< 2.00 (200 mT, 100 kHz, 100
C) B65813J0000R097
N41
5500 +30/–20% 1960
< 0.80 (200 mT, 25 kHz, 100
C) B65813J0000R041
N95
5500 +30/–20% 1960
< 2.20 (200 mT, 100 kHz, 100
C)
< 2.60 (200 mT, 100 kHz, 25
C)
B65813J0000R095
B65813
Core
RM 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com