Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66036 Datasheet(PDF) 5 Page - EPCOS

Part # B66036
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66036 Datasheet(HTML) 5 Page - EPCOS

  B66036 Datasheet HTML 1Page - EPCOS B66036 Datasheet HTML 2Page - EPCOS B66036 Datasheet HTML 3Page - EPCOS B66036 Datasheet HTML 4Page - EPCOS B66036 Datasheet HTML 5Page - EPCOS B66036 Datasheet HTML 6Page - EPCOS B66036 Datasheet HTML 7Page - EPCOS B66036 Datasheet HTML 8Page - EPCOS B66036 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ferrites and accessories
Symbols and terms
5
10/24
Symbol
Meaning
Unit
A
Cross section of coil
mm2
Ae
Effective magnetic cross section
mm2
AL
Inductance factor; AL = L/N2
nH
AL1
Minimum inductance at defined high saturation (
≙a)nH
Amin
Minimum core cross section
mm2
AN
Winding cross section
mm2
AR
Resistance factor; AR = RCu/N2
 = 10–6
B
RMS value of magnetic flux density
Vs/m2, mT
B
Flux density deviation
Vs/m2, mT
Bˆ
Peak value of magnetic flux density
Vs/m2, mT
Bˆ
Peak value of flux density deviation
Vs/m2, mT
BDC
DC magnetic flux density
Vs/m2, mT
BR
Remanent flux density
Vs/m2, mT
BS
Saturation magnetization
Vs/m2, mT
C0
Winding capacitance
F = As/V
CDF
Core distortion factor
mm–4.5
DF
Relative disaccommodation coefficient DF = d/
i
d
Disaccommodation coefficient
Ea
Activation energy
J
f
Frequency
s–1, Hz
fcutoff
Cut-off frequency
s–1, Hz
fmax
Upper frequency limit
s–1, Hz
fmin
Lower frequency limit
s–1, Hz
fr
Resonance frequency
s–1, Hz
fCu
Copper filling factor
g
Air gap
mm
H
RMS value of magnetic field strength
A/m
Hˆ
Peak value of magnetic field strength
A/m
HDC
DC field strength
A/m
Hc
Coercive field strength
A/m
h
Hysteresis coefficient of material
10–6 cm/A
h/
i2
Relative hysteresis coefficient
10–6 cm/A
I
RMS value of current
A
IDC
Direct current
A
Iˆ
Peak value of current
A
J
Polarization
Vs/m2
k
Boltzmann constant
J/K
k3
Third harmonic distortion
k3c
Circuit third harmonic distortion
L
Inductance
H = Vs/A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com