Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66371 Datasheet(PDF) 3 Page - EPCOS

Part # B66371
Description  Ferrites and accessories
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66371 Datasheet(HTML) 3 Page - EPCOS

  B66371 Datasheet HTML 1Page - EPCOS B66371 Datasheet HTML 2Page - EPCOS B66371 Datasheet HTML 3Page - EPCOS B66371 Datasheet HTML 4Page - EPCOS B66371 Datasheet HTML 5Page - EPCOS B66371 Datasheet HTML 6Page - EPCOS B66371 Datasheet HTML 7Page - EPCOS B66371 Datasheet HTML 8Page - EPCOS B66371 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Please read Cautions and warnings and
Important notes at the end of this document
E 70/33/32
Core
B66371
10/24
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.20 mm < s < 5.00 mm
K3, K4: 290 nH < AL < 2280 nH
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
903
–0.789
1568
–0.847
1470
–0.865
N87
903
–0.789
1485
–0.796
1438
–0.873



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com