Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66397 Datasheet(PDF) 2 Page - EPCOS

Part # B66397
Description  Ferrites and accessories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66397 Datasheet(HTML) 2 Page - EPCOS

  B66397 Datasheet HTML 1Page - EPCOS B66397 Datasheet HTML 2Page - EPCOS B66397 Datasheet HTML 3Page - EPCOS B66397 Datasheet HTML 4Page - EPCOS B66397 Datasheet HTML 5Page - EPCOS B66397 Datasheet HTML 6Page - EPCOS B66397 Datasheet HTML 7Page - EPCOS B66397 Datasheet HTML 8Page - EPCOS B66397 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
For SMPS transformers with optimum
weight/performance ratio at small volume
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.38 mm–1
le
= 139 mm
Ae = 368 mm2
Amin = 368 mm2
Ve = 51200 mm3
Approx. weight 260 g/set
Gapped
Other AL values/air gaps and materials available on request ─ see Processing remarks on page 4.
Material
AL value
nH
(G1)
approx.
mm
Air gap (G2)
approx.
mm
Air gap (G3)
approx.
mm
Ordering code
N87
100
10%
12.86
2.18
1.08
B66397Q0100K187
250
10%
11.70
0.66
0.34
B66397Q0250K187
400
10%
11.50
0.41
0.19
B66397Q0400K187
N95
100
10%
12.86
2.18
1.08
B66397Q0100K195
250
10%
11.70
0.66
0.34
B66397Q0250K195
400
10%
11.50
0.41
0.19
B66397Q0400K195
B66397
Core
ETD 59/31/22DG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com