Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWT150 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PWT150
Description  Pan-Wrap Braided Sleeving
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PWT150 Datasheet(HTML) 2 Page - PANDUIT CORP.

  PWT150 Datasheet HTML 1Page - PANDUIT CORP. PWT150 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Panduit Corp.
ALL RIGHTS RESERVED.
WASP41--WW-ENG
5/2015
Pan-Wrap™ Braided Sleeving
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
installation instructions using the Pan-Wrap ™ installation tool
part information
Part Number
Nominal Size
Diameter
Length Per
Reel
Color
Nominal Wall
Thickness
Weight
Lbs./100'
In.
mm
Ft.
m
In.
mm
Polyethylene Terephthalate (PET)
SE12PS-4CR0
0.125
3.2
400
122.0
Black
0.024
0.6
0.20
SE25PS-TR0
0.25
6.4
200
61.0
Black
0.025
0.6
0.60
SE50PS-CLR0
0.50
12.7
150
45.7
Black
0.025
0.6
1.40
SE75PS-CR0
0.75
19.1
100
30.5
Black
0.025
0.6
1.60
SE100PS-CR0
1.00
25.4
100
30.5
Black
0.038
1.0
2.00
SE150PS-LQR0
1.50
38.1
75
22.9
Black
0.038
1.0
2.70
Flame Retardant Polyethylene Terephthalate
SE12PSFR-4CR0
0.125
3.2
400
122.0
Black
0.024
0.6
0.20
SE25PSFR-TR0
0.25
6.4
200
61.0
Black
0.025
0.6
0.60
SE50PSFR-CLR0
0.50
12.7
150
45.7
Black
0.025
0.6
1.40
SE75PSFR-CR0
0.75
19.1
100
30.5
Black
0.025
0.6
1.60
SE100PSFR-CR0
1.00
25.4
100
30.5
Black
0.038
1.0
2.00
SE150PSFR-LQR0
1.50
38.1
75
22.9
Black
0.038
1.0
2.70
Open Pan-Wrap™
Tool and insert bundle.
Close tool to contain bundle.
Insert Pan-Wrap™ Braided
Sleeving onto end of tool
until approximately 3" of it
covers the bundle.
Grasp end of Pan-Wrap™
Braided Sleeving and bundle
while pulling the tool along
the bundle length.
DISCLAIMER: The information contained herein is intended as a guide for use by persons having technical skill at their own discretion and risk.
Before using, buyer shall determine the suitability of the Panduit product for his intended use and buyer assumes all risk and liability whatsoever
in connection therewith.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com