Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33832328. Datasheet(PDF) 1 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 33832328.
Description  Electromechanical Audible Signal Devices / AC Installation Buzzers 338
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

33832328. Datasheet(HTML) 1 Page - WERMA Signaltechnik GmbH + Co. KG

  33832328. Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 33832328. Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techn. datasheet
Electromechanical Audible Signal Devices / AC Installation Buzzers 338
Buzzer EM Contin. tone 230VAC
! For additional installation and mounting information, refer to the appropriate user guide at www.werma.com. This
printed copy is for information only and is subject to alteration.
WERMA Signaltechnik GmbH + Co. KG · Dürbheimer Straße 15 · D-78604 Rietheim-Weilheim
Tel +49(0) 74 24 95 57-0 · Fax +49(0) 74 24 95 57-44 · info@werma.com · www.werma.com
1/2
14.09.2022 / 338.323.28
Part No.: 338.323.28
MECHANICAL DATA
Length
40 mm
Width
23 mm
Height
23 mm
Diameter
23 mm
Materials
PA-GF
Housing colour
Black
Protection category
IP00
Connection
Solder lugs
Type of fixing
Built-in mounting
Working temperature minimum
-20°C
Working temperature maximum
+60°C
Weight with packaging
25 g
Product weight
22 g
ELECTRICAL DATA
Operating voltage
230V
Operating voltage type
AC
Operating voltage frequency
50Hz
Operating voltage tolerance
+/- 10%
Rated operational voltage
230 VAC
Rated operational current
24 mA
Rated inrush current
<500mA
Pollution degree
2
ACOUSTIC DATA
Volume (max) at 1m distance
75,0 dB (A)
Acoustic signal image
Continuous tone
Audio frequency
100 Hz
Acoustic service life
300 h minimum
APPROVAL DATA
Conforms with CE
No
WEEE
Yes
Conforms with ATEX-directive
No
Conforms with CCC
No
Conforms with UL
No
Conforms with FCC
No
Conforms with IC
No
EAC certificate available
Yes
Conforms with UKCA (Importer)
No


Similar Part No. - 33832328.

ManufacturerPart #DatasheetDescription
logo
WERMA Signaltechnik Gmb...
33832328. WERMA-33832328. Datasheet
217Kb / 2P
Electromechanical Audible Signal Devices / AC Installation Buzzers 338
14.09.2022
33832328. WERMA-33832328. Datasheet
264Kb / 1P
signal horn
More results

Similar Description - 33832328.

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
AS-24MCW-FR GAMEWELL-FCI-AS-24MCW-FR Datasheet
278Kb / 4P
Wheelock AS Series Audible Strobe Devices & AH Series Audible Devices
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
Electromagnetic Buzzers
PS1240P02BT TDK-PS1240P02BT Datasheet
128Kb / 7P
Piezoelectronic Buzzers
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
Electromagnetic Buzzers
PS1420P02AT TDK-PS1420P02AT Datasheet
163Kb / 8P
Piezoelectronic Buzzers
logo
List of Unclassifed Man...
640005MED-0312 ETC2-640005MED-0312 Datasheet
140Kb / 1P
audible and visual device which requires one single installation point.
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com