Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63453075 Datasheet(PDF) 2 Page - WERMA Signaltechnik GmbH + Co. KG

Part # 63453075
Description  This is how you can assemble your signal tower
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERMA [WERMA Signaltechnik GmbH + Co. KG]
Direct Link  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

63453075 Datasheet(HTML) 2 Page - WERMA Signaltechnik GmbH + Co. KG

  63453075 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 4Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 5Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 6Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 7Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 8Page - WERMA Signaltechnik GmbH + Co. KG 63453075 Datasheet HTML 9Page - WERMA Signaltechnik GmbH + Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
5
www.werma.com
+60°C
-30°C
IP66
630/634/635 KombiSIGN 40 - Optical Signal Elements
• No more blind spots with the
Omniview lens
• DesignLOOK and ClassicLOOK
provide the appropriate signal
tower for your application
• TwinLIGHT and TwinFLASH
combine two light effects in one
element
TECHNICAL SPECIFICATIONS:
ORDER SPECIFICATIONS:
Dimensions (Ø x Height):
Lens:
TwinLIGHT
Light effects:
Voltage:
Current consumption:
TwinFLASH
Light effects:
Voltage:
Current consumption:
Multicolour
Light effect:
Colours:
Voltage:
Current consumption:
40 mm x 58,6 mm
PC, transparent
LED Permanent or Blinking light, can be set via DIP-Switch
24 V AC/DC
50 mA
LED Flash light or EVS, can be set via DIP-Switch
24 V DC
65 mA
LED Permanent light
Red, yellow, green, blue, white, violet, turquoise
24 V DC
100 mA
red
green
yellow
white
blue
Pre-assembled signal tower
green/yellow/red
red
green
yellow
white
blue
Multicolour
clear
ClassicLOOK
634 110 75
634 210 75
634 310 75
634 430 75
634 510 75
639 300 01
634 120 55
634 220 55
634 320 55
634 440 55
634 520 55
634 450 55
DesignLOOK
634 130 75
634 230 75
634 330 75
634 430 75
634 530 75
639 301 01
634 140 55
634 240 55
634 340 55
634 440 55
634 540 55
634 450 55
Available: 1st Quarter 2016
TECHNICAL DIAGRAMS: see page 20
KombiSIGN 40 Signal Tower
in ClassicLOOK
KombiSIGN 40 Signal Tower
in DesignLOOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com