Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP151 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP151
Description  Multistandard Verified Smoke Detector Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151 Datasheet(HTML) 8 Page - Analog Devices

  ADP151 Datasheet HTML 1Page - Analog Devices ADP151 Datasheet HTML 2Page - Analog Devices ADP151 Datasheet HTML 3Page - Analog Devices ADP151 Datasheet HTML 4Page - Analog Devices ADP151 Datasheet HTML 5Page - Analog Devices ADP151 Datasheet HTML 6Page - Analog Devices ADP151 Datasheet HTML 7Page - Analog Devices ADP151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CN-0537
Circuit Note
Rev. A | Page 8 of 8
2. Connect the EVAL-ADICUP3029 to a computer. The
board should appear as an external DAPLINK drive to
the computer.
3. Upload the CN-0537 demonstration application
software to the EVAL-ADICUP3029 by dragging and
dropping the hex file into the DAPLINK drive.
4. Run the serial terminal program on the computer.
a. Set the serial port to the one assigned to the EVAL-
ADICUP3029.
5. Insert a micro-SD card into Port P5 on the EVAL-
CN0537-ARDZ.
6. Connect the EVAL-CN0537-ARDZ to the EVAL-
ADICUP3029 through the Arduino form-factor
connectors.
7. Press the push button, S1, on the EVAL-ADICUP3029
(labeled as 3029_RESET). The serial terminal displays a
welcome banner and awaits user input.
8. Type, s, the command to start the data stream.
a. The software begins capturing the blue and infrared
responses and displays them on the serial terminal
in PTR values.
9. Type, i, the command, to stop the data stream.
To obtain a copy of the files printed to the serial terminal,
remove the micro SD card from the EVAL-CN0537-ARDZ
and read its contents using the computer. The contents of the
data stream are saved as a .csv file.
For complete setup and other detailed instructions, see the
EVAL-CN0537-ARDZ Hardware User Guide.
LEARN MORE
LTspice® SPICE Simulation Software
LTpowerCAD® Design Tool
AN-1567 Application Note, Smoke Testing with the
ADPD188BI Optical Smoke and Aerosol Detection Module,
Analog Devices.
AN-2033 Application Note, Calibrating the ADPD188BI
Optical Smoke and Aerosol Detection Module, Analog Devices
UL Standard for Safety for Smoke Alarms, 8th edition,
ANSI/UL 217, Underwriters Laboratory, Oct. 2015.
UL Standard for Smoke Detectors for Fire Alarm Systems, 7th
edition, ANSI/UL 268, Underwriters Laboratory, Jan. 2016.
National Fire Alarm and Signaling Code, 2019 edition,
NFPA 72, National Fire Protection Agency, 2019.
T. Clearly, “A Study on the Performance of Current Smoke
Alarms to the New Dire and Nuisance Tests Prescribed in
ANSI/UL 217-2015.” Nat. Inst. Sci. and Technol., U.S. Dept.
of Commerce, MD, USA, NIST.TN.1947, 2016.
A. Lee and T. Clearly. (Sep. 2017). Smoke Alarms – Where
Are We Now and the Outlook for the Future. Presented at the
2017 Suppression, Detection, and Signaling Res. and Appl.
Conf. (SUPDET 2017), College Park, MD, USA. [Online].
Data Sheets and Evaluation Boards
CN-0537 Reference Design Board (EVAL-CN0537-ARDZ)
ADICUP3029 Development Platform (EVAL-ADICUP3029)
ADPD188BI Data Sheet
ADPD188BI Evaluation Board (EVAL-ADPD188BIZ-S2)
ADP151 Data Sheet
ADP151 Evaluation Board (EVAL-ADP151)
LT8410/LT8410-1 Data Sheet
LT8410 Demo Board (DC1387A-A)
REVISION HISTORY
6/2021—Rev 0 to Rev. A
Changes to Circuit Note Title and Circuit Function and
Benefits Section .............................................................................1
Changes to Figure 1.......................................................................2
Changed UL-217 Smoke and Fire Test Algorithm Section to
UL 217 and UL 268 Smoke and Fire Test Algorithm Section.......2
Changes to UL 217 and UL 268 Smoke and Fire Test
Algorithm Section and Table 1....................................................2
Changes to Calculating the LED Efficiency Section, Equation 11
through Equation 16, and Reading the ADPD188BI Gain
Calibration Values Section...........................................................4
Changes to Anticondensation Heating Section ........................5
Changes to System Power Management Section ......................6
Changes to Learn More Section ..................................................8
7/2020—Revision 0: Initial Version
(Continuedfromfirstpage)Circuits from the Lab reference designs are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors.
While you may use the Circuits from the Lab reference designs in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual
property by application or use of the Circuits from the Lab reference designs. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab
reference designs are supplied "as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability,
noninfringement or fitness for a particular purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that
may result from their use. Analog Devices reserves the right to change any Circuits from the Lab reference designs at any time without notice but is under no obligation to do so.
©2020–2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN22281-6/21(A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com