Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7150 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM7150
Description  USB-Powered, 5.8 GHz RF Power Amplifier with Overtemperature Management
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150 Datasheet(HTML) 3 Page - Analog Devices

  ADM7150 Datasheet HTML 1Page - Analog Devices ADM7150 Datasheet HTML 2Page - Analog Devices ADM7150 Datasheet HTML 3Page - Analog Devices ADM7150 Datasheet HTML 4Page - Analog Devices ADM7150 Datasheet HTML 5Page - Analog Devices ADM7150 Datasheet HTML 6Page - Analog Devices ADM7150 Datasheet HTML 7Page - Analog Devices ADM7150 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Circuit Note
CN-0523
analog.com
Rev. 0 | 3 of 8
Figure 5. CN0523 Noise Figure vs. Frequency
Figure 6 shows the single sideband phase noise at 5.8 GHz, with
offset values of approximately -114.91 dBc/Hz,-117.77 dBc/Hz, and
-130.48 dBc/Hz at 10 kHz, 100 kHz, and 1 MHz, respectively.
Figure 6. CN0523 Single Sideband Phase Noise at 5.8 GHz Input
Figure 7 presents the narrow-band single-tone RF output with an
SFDR of 81 dB at an input power level of -2 dBm.
Figure 7. CN0523 Narrowband Single Tone RF Output
Figure 8 shows the output power (POUT) vs. input power (PIN) graph
of the CN0523. The CN0523 has a saturation point of approximate-
ly +27 dBm and has an absolute maximum input power of +10
dBm. It is not recommended to operate the circuit above this input
level as damage may incur.
Figure 8. CN0523 Output Power vs. Input Power at 5.8 GHz Input
The system is stable across the entire 5.8 GHz ISM frequency
bandwidth with the Rollet's stability factor (k) being above 1 and
the supplementary stability measure (B1) being above 0, as shown
in Figure 9. This makes the CN0523 unconditionally stable for any
combination of source and load impedance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com