Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5686R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5686R
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5686R Datasheet HTML 2Page - Analog Devices AD5686R Datasheet HTML 3Page - Analog Devices AD5686R Datasheet HTML 4Page - Analog Devices AD5686R Datasheet HTML 5Page - Analog Devices AD5686R Datasheet HTML 6Page - Analog Devices AD5686R Datasheet HTML 7Page - Analog Devices AD5686R Datasheet HTML 8Page - Analog Devices AD5686R Datasheet HTML 9Page - Analog Devices AD5686R Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Circuit Note
CN-0582
analog.com
Rev. A | 7 of 10
WAVEFORM GENERATION AND CONTROL
The CN0582 has an on-board waveform generator used to excite
and control a shaker table, which helps in testing and calibrating
IEPE sensors.
Figure 9 shows the block diagram utilizing the AD9833, a program-
mable waveform generator with a constant voltage output of 600
mVp-p and configurable frequency output from 0 Hz to 12.5 MHz
with 28-bit resolution. The output frequency can be computed using
Equation 10:
FOUT=FREF×FREQ228
(10)
where:
FOUT is the output frequency.
FREF is the reference clock frequency.
FREQ is the frequency register value.
Figure 9. Waveform Generation Block Diagram
The CN0582 frequency output is band limited to 25 kHz, which
is adequate for most vibration and CbM applications. The output
signal is then amplified and conditioned using the ADA4522 in
a high pass filter configuration, which removes the dc offset, a
requirement for many shaker table inputs.
The maximum set gain of ADA4522 can be computed using Equa-
tion 11:
Output_AmplitudeMAX= RfRdiff×600mVp‐p
(11)
Output_AmplitudeMAX=8.16Vp‐p
where:
Output_AmplitudeMAX is the maximum amplitude set by the gain of
the ADA4522.
Rf is 102 kΩ.
Rdiff is 7.5 kΩ.
The signal generator can produce 8.16 Vp-p maximum, but the
graphical user interface (GUI) limits the output voltage to 7 Vp-p.
The CN0582 signal generator output amplitude is controlled by an
AD5543 current output DAC, configured in a current to voltage
topology as shown in Figure 10.
Figure 10. Output Waveform Amplitude Control Block Diagram
The amplitude can be controlled following Equation 12:
Output_Amplitude= D65536×8.16Vp‐p
(12)
where:
Output_Amplitude is the modulated output amplitude.
D is the digital code value.
After configuring the desired output amplitude and frequency, an
optional post-filtering circuit is available to reduce the broadband
noise. The circuit uses the ADA4522 in a Sallen-key low pass filter
configuration at the DAC's output, because of the stability and high
input impedance characteristics. The cutoff frequency is set to 26
kHz, and can be computed using Equation 13:
fc= 1
2π×3.4kΩ×1.8nF
=26.005kHz
(13)
The cutoff frequency is adjusted to at least twice the intended IEPE
bandwidth of 10 kHz, so that negligible attenuation occurs.
The output selector stage shown in Figure 11 uses an ADG1219
switch between filtered and unfiltered output from the amplitude
controller. The selected output is then buffered to isolate the circuit
from the output connector.
Figure 11. Output Waveform Selector Circuit
COMMON VARIATIONS
The AD3552R 16-bit, 33 MSPS DAC is an alternative to the
AD9833 with higher resolution, lower distortion, and arbitrary wave-
form generation capability, however it requires a data source.
The ADG5436F is a fault-protected variant of the ADG5436 that
provides additional protection from input faults, as well as fault
detection.
For the ADC, if the application needs to operate beyond the IEPE
bandwidth, a good alternative is the AD4134. This device has a
higher sampling rate and an improved overall performance.
A higher channel count system can also be realized by using
the AD7768. The existing controller already has a provision for



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com