Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCRT1 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PCRT1
Description  TX6 PLUS UTP Patch Cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCRT1 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PCRT1 Datasheet HTML 1Page - PANDUIT CORP. PCRT1 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
SPECIFICATION SHEET
key features and benefits
100% performance tested for
Confidence that each patch cord delivers specified performance
wire map, NEXT and return loss
Centered de-embedded plug
Performs in center of ANSI/TIA-568.2-D component range, ensuring
interoperability and optimum performance
Integral pair manager
Optimizes performance and consistency by reducing untwist at plug
Patented tangle-free latch
Prevents snags and provides easy release, saving time on frequent
moves, adds and changes
Slender strain relief boot
Provides easy access in high-density applications
Flexible stranded cable
U/UTP stranded 24 AWG copper cable with a nominal diameter of
0.235 inch allows for high density installations and superior panel
cable management
Identification
Provides identification of performance level, length, and quality control
number for future traceability
Variety of cable colors
Meets individual length and color-coding requirements for greater
and lengths
system flexibility
Robust construction
Rated to 2500 mating cycles
Keyed version available
Color-specific keys with positive and negative keying features
mechanically and visually distinguish connections to prevent
unintentional mating with unlike keyed or non-keyed jack modules,
offering network design flexibility, versatility accommodating discrete
networks for enhanced security
Color bands (optional)
Snap onto cable, allowing additional color-coding options
RJ45 plug lock-in device
Secures plug into jack to prevent unauthorized removal of patch cord
(optional)
Category 6/Class E
Exceeds all ANSI/TIA-568.2-D and ISO 11801 Class E
channel and component standards for all frequencies from 1 to 250 MHz◊
performance:
Cable diameter:
0.235 in. (6.0mm) nominal
FCC and ANSI
Meets ANSI/TIA-1096-A (formerly FCC Part 68); contacts plated with 50
compliance:
microinches of gold for superior performance
IEC compliance:
Meets IEC 60603-7
UL rated:
UL 1863 approved
RoHs compliance:
Compliant
PoE compliance:
Rated for 2500 cycles with IEEE 802.3af / 802.3at and 802.3bt type 3 and type 4
Flammability rating:
CM or LSZH
applications
technical information
specifications
Category 6/Class E, UTP patch cords shall be constructed of
24 AWG unshielded twisted pair stranded copper cable with
an enhanced performance modular plug at each end. Patch
cord cable shall be offered in multiple colored UTP cable
for design flexibility with a clear strain relief boot on each
modular plug. All patch cords shall be compatible with both
T568A and T568B wiring schemes.
TX6™ PLUS UTP Patch Cords are a component of
TX6500™ and TX6000™ Copper Cabling Systems.
Interoperable and backward compatible, these end-
to-end systems provide design flexibility to protect
network investments well into the future. With
certified performance to the ANSI/TIA-568.2-D
Category 6 and ISO 11801 Class E standards, these
systems will support the following applications:
• Ethernet 10BASE-T, 100BASE-T (Fast
Ethernet), 1000BASE-T (Gigabit Ethernet),
10GBASE-T (10Gigabit Ethernet over limited
distances as specified in the industry
10GBASE-T standards)
• 155 Mb/s ATM, 622 Mb/s ATM, 1.2 Gb/s ATM
• Token ring 4/16
• Digital video and broadband/baseband
analog video
• Voice over Internet Protocol (VoIP)
TX6500™ and TX6000™ UTP Copper
Cabling System
TX6™ PLUS UTP Patch Cords
CM (foot lengths):
UTPSP*Y
CM (meter lengths):
UTPSP**MY
LSZH (meter lengths): UTPSPL**MY
Tools and Accessories
Patch cord
removal tool:
PCRT1
Flashlight kit:
KPCRT-FL
Patch cord band:
PCBAND^^-Q
Standard RJ45 plug
lock-in device:
PSL-DCPLX^^^
Recessed RJ45 plug
lock-in device:
PSL-DCPLRX^^^
*For lengths 1 to 20 feet (increments of one foot)
and 25, 30, 35, 40 feet, change the length
designation in the part number to the desired
length. For standard cable colors other than
Off White, add suffix BL (Black), BU (Blue),
GR (Green), RD (Red), YL (Yellow), OR
(Orange) or VL (Violet) before the Y at the end of
the part number. For example, the part number
for a blue 15-foot patch cord is UTPSP15BUY.
**For lengths 1 to 10 meters (increments of
1 meter) and 0.5,1.5, 2.5, 15, 20, 25, 30, 35,
40 meters, change the length designation in the
part number to the desired length. For standard
cable colors other than Off White, add suffix
BL (Black), BU (Blue), GR (Green), RD (Red),
YL (Yellow), OR (Orange) or VL (Violet) after
the M in the part number, For example, the
part number for a blue 15 meter patch cord
is UTPSP15MBUY.
^^To designate color, add suffix WH (White),
EI (Electric Ivory), IG (International Gray),
BL (Black), BU (Blue), RD (Red), YL (Yellow),
GR (Green), OR (Orange) or VL (Violet) before
-Q in the part number. 25/package.
^^^For colors other than Red, -BL (Black),
-BU (Blue), -GR (Green), -YL (Yellow), -IW
(Off White), or -IG (International Gray) to the
end of the part number. 10/package. Add -C for
bulk packages of 100.
Contact customer service for keyed connectivity,
bulk packaged jack modules and patch cords.
◊Lengths 1m to 15m or 6 inch to 49 feet are
guaranteed to meet TIA and ISO component
and channel requirements. Lengths greater than
15m or 49 feet are guaranteed to meet ISO
component and both TIA and ISO channel
requirements.
TX6™ PLUS UTP Patch Cords


Similar Part No. - PCRT1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCRT1 PANDUIT-PCRT1 Datasheet
103Kb / 2P
MTP Connector Cleaning Tools
PCRT1 PANDUIT-PCRT1 Datasheet
105Kb / 2P
TX5e UTP Patch Cords
6/2010
More results

Similar Description - PCRT1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
CJ688TG PANDUIT-CJ688TG Datasheet
110Kb / 1P
TX6 PLUS CAT6 JACK MODULE
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com