Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMP1E Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # WMP1E
Description  NetRunner Vertical Cable Managers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

WMP1E Datasheet(HTML) 1 Page - PANDUIT CORP.

  WMP1E Datasheet HTML 1Page - PANDUIT CORP. WMP1E Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION SHEET
www.panduit.com
specifications
The vertical cable manager shall be capable of mounting to
EIA racks to manage cables on the front and rear of the rack.
The manager shall be molded out of plastic and possess
cable management fingers and pass through holes. The
fingers shall provide integral bend radius control and be
spaced so that the gaps between the fingers align with EIA
rack spaces. The pass through holes shall provide bend
radius control and slots that can be used for securing of cable
straps. The vertical manager shall have a dual hinged cover
that can be opened to the left or right 110 degrees. The
manager shall be able to accept wire retainers that can be
snapped on to the cable management fingers.
NetRunner™ Vertical Cable Managers
NetRunner™ Vertical Cable Managers
Front and rear
22 RU, 4' x 5":
WMPV22E
45 RU, 4" x 5":
WMPV45E
45 RU, 6" x 6":
WMPVHC45E
Front only
22 RU, 4" x 5":
WMPVF22E
45 RU, 4" x 5":
WMPVF45E
45 RU, 6" x 6":
WMPVHCF45E
Replacement Covers
4" wide:
WMPVHRCE
6" wide:
WMPVHCRCE
Standard 2 Post Racks – 7 Foot
19" mount:
R2P
19" mount:
R2PS
23" mount:
R2PW
4 Post Racks, 19" Mount – 7 Foot
23" deep:
R4P23*
30" deep:
R4P*
36" deep:
R4P36*
42" deep:
R4P42*
*Add “CN” for Cage Nut Rails
NetManager™ High Capacity
Horizontal Cable Managers
Front and rear
1 RU:
NM1
2 RU:
NM2
3 RU:
NM3
4 RU:
NM4
Front only
1 RU:
NMF1
2 RU:
NMF2
3 RU:
NMF3
4 RU:
NMF4
PatchLink™ Horizontal Cable Managers
Front and rear, 2 RU: WMP1E
Front and rear, 1 RU: WMPSE
Front only, 2 RU:
WMPF1E
Front only, 1 RU:
WMPFSE
Accessories
Center mount
bracket kit:
WMPVCBE
(For use with EIA standard racks)
Side mount
hardware kit:
WMPVSMK
(For use with Panduit R2PS and 7
foot R4P series of 4 post racks)
Rack adapter
bracket kit:
WMPVCMB
(For use with racks with dimensions
up to 1 5/8" (41.1mm) from outside
edge of the rack to the center of
the mounting hole)
Cable retainers:
(Package of 10)
WR5E-X
Rack top trough
with waterfall:
WMPVWF
End panel:
WMPV45EPB1
(For use with WMPV45E)
NREPB1
End panel:
(For use with WMPVHC45E)
technical information
Temperature ratings: Max storage temperature 65°C (149°F);
Max operating temperature 60°C (140°F)
Packaging:
Managers include hinged covers, mounting brackets and #12 – 24 screws
Mounting options:
When attached to the side of a standard 19" EIA rack, the pitch of a WMPV
vertical manager is 25.3" and the pitch of a WMPVHC vertical manager is 27.1".
Managers can be center mounted between two adjacent EIA 19" or 23" racks by
using the WMPVCBE bracket kit.
Managers can be mounted to Panduit R2PS and 7 foot R4P series of 4 post racks
by using the WMPVSMK hardware kit; two kits are needed for center mounting.
Managers can be side or center mounted to the front or rear of a rack with
dimensions of up to 1 5/8" (41.1mm) from the outside edge of a rack to the center
of the mounting hole by using the WMPVCMB bracket kit; two kits are needed for
center mounting; when attached to the side of a 19" rack using a WMPVCMB
bracket kit, the pitch of a WMPV vertical manager is 25.8" and the pitch of
WMPVHC vertical manager is 27.6".
Panduit® NetRunner™ Vertical Cable Managers
provide a cost-effective solution that organize,
manage, and protect network cabling in
telecommunication rooms and data centers. Cable
management fingers simplify cable routing during
installation and maintenance. Bend radius control
helps protect cables from kinks, snags, and
crushing, ensuring system performance
and reliability. Multiple sizes and mounting options
allow for use in a variety of applications. When
used with Panduit® Mini-Com® Patch Panels, patch
cords, horizontal cable managers and racks, the
user receives a complete end-to-end solution that
satisfies functional requirements and showcases
network cabling.
key features and benefits
Bend radius fingers
Align with rack spaces to support cables as they transition to the
vertical pathway; pass through holes maintain cable bend radius
ensuring network performance and reliability
Large finger opening
Each accommodates up to 24 Category 6 cables eliminating
the need to remove fingers for cable routing speeding installation
and maintenance
Dual hinged cover
Can be opened 110 degrees to the left or right to provide complete
access to the cables inside the vertical pathway
Integral cable retainers
On the end of each finger to help contain cables within each rack
unit to simplify installation and maintenance
applications
Part Number
Dimensions
RU
Height In. (mm)
Width In. (mm)
Depth In. (mm)
WMPV22E
22
41.5 (1054)
4.9 (125)
12.0 (306)
WMPVF22E
22
41.5 (1054)
4.9 (125)
6.5 (165)
WMPV45E
45
83.0 (2108)
4.9 (125)
12.0 (306)
WMPVF45E
45
83.0 (2108)
4.9 (125)
6.5 (165)
WMPVHC45E
45
83.0 (2108)
6.7 (170)
14.1 (357)
WMPVHCF45E
45
83.0 (2108)
6.7 (170)
7.6 (192)


Similar Part No. - WMP1E

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
WMP1E PANDUIT-WMP1E Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
WMP1E PANDUIT-WMP1E Datasheet
1Mb / 20P
NetKey Cabling System
2012
More results

Similar Description - WMP1E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098 LINER-LTC4098 Datasheet
420Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
Programmable Power Managers with Digital Power Control
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
logo
Linear Technology
LTC4098 LINER-LTC4098_15 Datasheet
454Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
logo
PANDUIT CORP.
PR2VD0679 PANDUIT-PR2VD0679 Datasheet
455Kb / 2P
PatchRunner??2 Vertical Cable Managers
logo
Hubbell Incorporated.
HJWM24 HUBBELL-HJWM24 Datasheet
230Kb / 1P
Cobra-Lock??Termination Wire Managers
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
logo
List of Unclassifed Man...
90662-30 ETC-90662-30 Datasheet
309Kb / 1P
High Back Managers Chair
02-01-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com