Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-COM485-PLUS1 Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # USB-COM485-PLUS1
Description  Future Technology Devices International Ltd
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM485-PLUS1 Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button USB-COM485-PLUS1 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 11Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 12Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 13Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 14Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 15Page - Future Technology Devices International Ltd. USB-COM485-PLUS1 Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Copyright © 2010 Future Technology Devices International Limited
11
Document Reference No.: FT_000132
USB-COM485-PLUS1 Datasheet
Version 1.21
Clearance No.: FTDI# 95
3 Connections
3.1 External Connectors
3.1.1 USB
The USB-COM485-Plus1 is a downstream USB 2.0 Device. A standard USB Series “B” receptacle is
reference to USB-F-1001 to facilitate connection to an upstream USB Host or Hub.
Pin Number
Pin Type
Description
1
Power
VBUS = USB Power provided from upstream USB Host or Hub
2
Bidirectional
D– = USB data signal, negative polarity
3
Bidirectional
D+ = USB data signal, positive polarity
4
Ground
GND = USB signal ground
Shield
Case Ground
Drain = typically connected to the host PC case
Table 3.1 USB "B" Receptacle Pin-Out
3.1.2 RS485
The RS485 port is configured as Data Terminal Equipment (DTE), with a 9-contact D-Sub Pin connector.
Pin assignments are according to TIA/EIA-485. In addition, pin9 of DE-9P may be assigned to provide
+5VDC to an external device with a maximum current draw of 250mA once the USB-COM485-Plus1 has
been enumerated by the system.
Pin Number
Pin Type
Description
1
Input/Output
DATA- = Transmit/Receive Data, negative polarity
Pin 2 of 120R Terminating Resistor. Only Required if the USB-COM485-
PLUS1 is the first or last device in a multi-drop RS485 System, to meet
RS485 Termination Requirements.
2
Input/Output
DATA+ = Transmit/Receive Data, positive polarity
3
Input/Output
Pin 1 of 120R Terminating Resistor. Only Required if the USB-COM485-
PLUS1 is the first or last device in a multi-drop RS485 System, to meet
RS485 Termination Requirements.
4
N/A
N/A
5
Ground
GND = signal ground
6
N/A
N/A
7
N/A
N/A
8
N/A
N/A
9
Power
provide +5VDC to an external device
Table 3.2 DE-9P RS485 Pin-Out
A 120R Resistor is connected internally between pin 1 and pin 3 of the 9 way D-type connector – see
Figure 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com