Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT45B Datasheet(PDF) 1 Page - EPCOS

Part # ACT45B
Description  Common mode filters/Chokes Automotive signal line (for power train/safety)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ACT45B Datasheet(HTML) 1 Page - EPCOS

  ACT45B_V01 Datasheet HTML 1Page - EPCOS ACT45B_V01 Datasheet HTML 2Page - EPCOS ACT45B_V01 Datasheet HTML 3Page - EPCOS ACT45B_V01 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221024
(1/4)
cmf_automotive_signal_act45b_en.fm
EMC Components
Common mode filters/Chokes
Automotive signal line (for power train/safety)
ACT series
ACT45B type
FEATURES
Compatible with an operating temperature range of –40 to +150°C, so can be used for vehicle devices requiring compatibility with high
temperatures.
Operating temperature range: –40 to +150°C
Compliant with AEC-Q200
APPLICATION
CAN-BUS, FAXs, modems, ISDNs, etc.
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
ACT45B
-
110
-
2P
-
TL
003
Series • type name
Inductance(typ.)
Number of lines
Packaging style
Internal code
(µH)
Common mode
impedance
[10MHz]
Common mode
inductance
[100kHz]
Stray
inductance
[100kHz]
DC
resistance
Rated
current
Insulation
resistance
Rated
voltage
Part No.
(
)min. ()typ.
(µH)typ.
(µH)typ.
(
)max.
(A)max.
(M
)min.
(V)max.
300
600
11
0.05
0.6
0.25
10
50
ACT45B-110-2P-TL003
500
1200
22
0.08
1.0
0.2
10
50
ACT45B-220-2P-TL003
1000
2800
51
0.15
1.0
0.2
10
50
ACT45B-510-2P-TL003
2000
5800
100
0.20
2.0
0.15
10
50
ACT45B-101-2P-TL003
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
Common mode inductance
4294A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
REACH
SVHC-Free
Lead
Free
RoHS
Pb
AEC-Q200


Similar Part No. - ACT45B_V01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B-101-2P TDK-ACT45B-101-2P Datasheet
40Kb / 2P
Common Mode Filters(SMD) For CAN-BUS
ACT45B-101-2P-TL TDK-ACT45B-101-2P-TL Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
logo
EPCOS
ACT45B-101-2P-TL003 EPCOS-ACT45B-101-2P-TL003 Datasheet
544Kb / 7P
ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA
logo
TDK Electronics
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003 Datasheet
85Kb / 5P
For automobile signal line
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_16 Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
More results

Similar Description - ACT45B_V01

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
SIGNAL LINE FILTERS COMMON MODE CHOKES
logo
TDK Electronics
ACM12V-701-2PL-TL00 TDK-ACM12V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACT45R TDK-ACT45R Datasheet
172Kb / 4P
Common mode filters Automotive signal line
ACT1210 TDK-ACT1210 Datasheet
211Kb / 4P
Common mode filters Automotive signal line
ACT1210G TDK-ACT1210G Datasheet
181Kb / 4P
Common mode filters Automotive signal line
ACT1210L-201 TDK-ACT1210L-201 Datasheet
197Kb / 4P
Common mode filters Automotive signal line
ACT1210E TDK-ACT1210E Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
ALC2012-900-2P-T00 TDK-ALC2012-900-2P-T00 Datasheet
147Kb / 3P
Signal Line Common Mode Chokes/Filters
ALC2012H-381-2P-T05G TDK-ALC2012H-381-2P-T05G Datasheet
190Kb / 3P
Signal Line Common Mode Chokes/Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com