Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM3600X Datasheet(PDF) 2 Page - EPCOS

Part # EM3600X
Description  Surge arrester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

EM3600X Datasheet(HTML) 2 Page - EPCOS

  EM3600X Datasheet HTML 1Page - EPCOS EM3600X Datasheet HTML 2Page - EPCOS EM3600X Datasheet HTML 3Page - EPCOS EM3600X Datasheet HTML 4Page - EPCOS EM3600X Datasheet HTML 5Page - EPCOS EM3600X Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surge arrester
B88069X2311****
2-electrode arrester
EM3600X
PPD AB PD / PPD AB PM
Version: 06 / 2018-08-24
Please read Cautions and warnings and
Page 2 of 6
Important notes at the end of this document.
Features
Applications
Very small size
Fast response time
Stable performance over service life
Low capacitance
High insulation resistance
RoHS-compatible
AC power line devices
Consumer electronics
Power supply
Electrical specifications
DC spark-over voltage 1) 2)
Tolerance
Min.
Max.
3600
±20
2880
4320
V
%
V
V
Impulse spark-over voltage
at 100 V/µs
- for 99% of measured values
- typical values of distribution
at 1 kV/µs
- for 99% of measured values
- typical values of distribution
< 5500
< 4000
< 6000
< 5500
V
V
V
V
Service life
10 operations
50 Hz; 1 s
1
A
300 operations
8/20 µs
100
A
10 operations
8/20 µs
3
kA
1 operation
8/20 µs
5
kA
Insulation resistance at 100 VDC
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage at 0.1 A
~ 35
< 0.3
~ 170
V
A
V
AC withstand voltage 3)
1 min
1 s
1500
1800
V
V
Weight
~ 1
g
Operation temperature
‒40 ... +125
°C
Recommended storage
- temperature
- humidity
- period
+5 ... +35
45 ... 80
≤ 2
°C
%
years
Climatic category (IEC 60068-1)
40/125/21
Continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com