Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS5 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SFS5 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 15Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 16Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 17Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 18Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 19Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
DRIFT
No
Time
Voltage(V)
Remarks
3.3V
5V
12V
15V
24V
Vin
1.25A
1.0 A
0.42 A
0.33 A
0.21A
220VAC
1.
08:30
3.314
5.024
12.100
14.999
24.010
2.
09:00
3.310
5.022
12.077
14.996
23.980
3.
09:30
3.307
5.020
12.068
14.999
23.980
4.
10:00
3.304
5.019
12.067
15.000
23.990
5.
10:30
3.304
5.020
12.068
14.999
23.990
6.
11:00
3.306
5.020
12.070
14.999
23.990
7.
11:30
3.307
5.019
12.066
15.000
23.990
8.
12:00
3.306
5.020
12.068
14.999
23.990
9.
12:30
3.303
5.020
12.068
14.999
23.990
10.
13:00
3.306
5.020
12.067
14.998
23.990
11.
13:30
3.306
5.020
12.067
14.999
23.990
12.
14:00
3.304
5.020
12.062
14.998
23.990
13.
14:30
3.305
5.020
12.069
14.998
23.990
14.
15:00
3.306
5.020
12.070
14.997
23.990
15.
15:30
3.306
5.019
12.064
14.998
23.990
16.
16:00
3.305
5.019
12.068
14.999
23.990
17.
16:30
3.304
5.020
12.062
14.998
23.990
18.
17:00
3.306
5.020
12.063
14.998
23.990
1. Primary Drift:(Maximum Value - Datum Value)÷Datum V × 10^6(Power On~30minute)
3.3V
1208.45921
PPM
5 V
398.24771
PPM
12 V
1904.44647
PPM
15 V
200.053348
PPM
24V
1251.04254
PPM
2. Passage Drift: (Max Value - Datum Value) ÷ Datum V × 10^6 (30Minutes ~ Until 8hours 30minutes)
3.3V
-2114.8036
PPM
5 V
-398.24771
PPM
12 V
-1242.0303
PPM
15 V
266.737797
PPM
24V
417.014178
PPM
(Maximum Value - Minimum Value)
3.3V
0.007
V : 0.2%
5 V
0.003
V : 0.06%
12 V
0.015
V : 0.125%
15 V
0.004
V : 0.03%
24V
0.01
V : 0.04%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com