Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVZ2A331MHD1TO Datasheet(PDF) 2 Page - Nichicon corporation

Part # UVZ2A331MHD1TO
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVZ2A331MHD1TO Datasheet(HTML) 2 Page - Nichicon corporation

  UVZ2A331MHD1TO Datasheet HTML 1Page - Nichicon corporation UVZ2A331MHD1TO Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
183
CAT.8100F
UVZ
Dimensions
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
22000
33000
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
103
153
223
333
V
0J
6.3
1H
50
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
6.3
× 11.5
6.3
× 11.5
8
× 11.5
10
× 20.5
10
× 20.5
12.5
× 20.5
12.5
× 25.5
16
× 25.5
16
× 35.5
18
× 40.5
22
× 50.5
45
55
65
95
145
195
230
390
710
840
1090
1350
1650
2010
2350
2800
1V
35
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
6.3
× 11.5
10
× 12.5
10
× 12.5
10
× 16.5
12.5
× 20.5
16
× 25.5
16
× 35.5
18
× 35.5
20
× 40.5
22
× 50.5
25
× 50.5
28
41
61
75
93
150
275
350
460
810
1260
1610
1910
2150
2650
3100
1E
25
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
6.3
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20.5
12.5
× 25.5
16
× 25.5
16
× 31.5
18
× 35.5
20
× 40.5
22
× 50.5
25
× 50.5
25
36
58
68
83
140
240
315
380
680
1090
1400
1710
2040
2150
2750
3250
1C
16
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
6.3
× 11.5
8
× 11.5
8
× 11.5
10
× 16.5
12.5
× 20.5
12.5
× 25.5
16
× 25.5
16
× 35.5
18
× 35.5
20
× 40.5
22
× 50.5
25
× 50.5
35
54
65
79
115
190
265
315
560
920
1170
1480
1780
2060
2430
3000
3450
1A
10
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
6.3
× 11.5
6.3
× 11.5
6.3
× 11.5
10
× 12.5
10
× 20.5
12.5
× 20.5
12.5
× 25.5
16
× 25.5
16
× 35.5
18
× 35.5
20
× 40.5
22
× 50.5
45
58
68
105
175
210
250
460
760
1000
1260
1570
1890
2180
2650
3250
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
6.3
× 11.5
8
× 11.5
10
× 12.5
10
× 16.5
12.5
× 20.5
12.5
× 25.5
16
× 35.5
18
× 35.5
20
× 40.5
22
× 50.5
25
× 50.5
Case size
φ D × L (mm)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
102
222
332
472
682
2W
450
13
23
31
40
65
115
165
185
270
Rated ripple current (mArms) at 105˚C 120Hz
8
× 11.5
10
× 12.5
10
× 16.5
10
× 20.5
12.5
× 20.5
16
× 25.5
16
× 35.5
18
× 40.5
22
× 40.5
Case size
φ D × L (mm)
2G
400
17
30
38
50
90
165
215
270
450
660
2V
350
15
26
38
45
80
115
195
270
420
620
6.3
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20.5
12.5
× 25.5
16
× 25.5
16
× 35.5
18
× 40.5
22
× 50.5
2F
315
15
26
38
45
80
115
195
230
395
620
760
6.3
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20.5
12.5
× 20.5
16
× 25.5
16
× 25.5
18
× 35.5
22
× 50.5
25
× 50.5
2E
250
10
15
23
32
39
74
130
160
210
365
600
730
870
6.3
× 11.5
6.3
× 11.5
6.3
× 11.5
8
× 11.5
8
× 11.5
10
× 16.5
12.5
× 20.5
12.5
× 20.5
12.5
× 25.5
16
× 31.5
20
× 40.5
22
× 50.5
25
× 50.5
2D
200
11
16
25
30
39
65
120
160
195
375
575
705
840
0
6.3
× 11.5
6.3
× 11.5
6.3
× 11.5
6.3
× 11.5
8
× 11.5
10
× 12.5
10
× 20.5
12.5
× 20.5
12.5
× 20.5
16
× 31.5
18
× 35.5
20
× 40.5
22
× 50.5
2C
160
11
16
25
30
34
41
100
145
195
215
570
750
900
1310
6.3
× 11.5
6.3
× 11.5
6.3
× 11.5
6.3
× 11.5
6.3
× 11.5
8
× 11.5
10
× 16.5
10
× 20.5
12.5
× 20.5
12.5
× 25.5
16
× 35.5
18
× 40.5
22
× 40.5
25
× 50.5
2A
100
1.5
3.4
5.0
7.1
15
21
29
32
54
93
130
165
265
440
540
715
985
1750
2070
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
5
× 11.5
6.3
× 11.5
6.3
× 11.5
8
× 11.5
10
× 12.5
10
× 20.5
12.5
× 25.5
12.5
× 25.5
16
× 25.5
18
× 40.5
22
× 50.5
25
× 50.5
1J
63
46
71
100
120
215
335
510
640
930
1650
1950
2450
2800
5
× 11.5
5
× 11.5
6.3
× 11.5
6.3
× 11.5
10
× 12.5
10
× 16.5
10
× 20.5
12.5
× 20.5
16
× 25.5
18
× 35.5
20
× 40.5
22
× 50.5
25
× 50.5
Frequency coefficient of rated ripple current
0.1 to 47
100 to 470
1000 to 33000
0.47 to 220
330 to 1000
6.3 to 100
V
160 to 450
50Hz
120Hz
300Hz
1 kHz
10 kHz or more
0.75
1.00
1.35
1.57
2.00
0.80
1.00
1.23
1.34
1.50
0.85
1.00
1.10
1.13
1.15
0.80
1.00
1.25
1.40
1.60
0.90
1.00
1.10
1.13
1.15
0
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16.5
12.5
× 20.5
16
× 25.5
16
× 31.5
16
× 35.5
20
× 40.5
25
× 50.5
Code
Cap.(µF)
Code
Cap.(µF)
V
Frequency
Cap. (µF)
Rated
ripple
Rated
ripple
1.3
2.9
4.3
7
13
20
25
30
46
68
90
115
190
300
410
530
950
1470
1770
2100
2500
2850



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com